Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6126EK1L Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6126EK1L
Description  High-Voltage, Step Down Controller in TSOT6
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6126EK1L Datasheet(HTML) 1 Page - Sipex Corporation

  SP6126EK1L Datasheet HTML 1Page - Sipex Corporation SP6126EK1L Datasheet HTML 2Page - Sipex Corporation SP6126EK1L Datasheet HTML 3Page - Sipex Corporation SP6126EK1L Datasheet HTML 4Page - Sipex Corporation SP6126EK1L Datasheet HTML 5Page - Sipex Corporation SP6126EK1L Datasheet HTML 6Page - Sipex Corporation SP6126EK1L Datasheet HTML 7Page - Sipex Corporation SP6126EK1L Datasheet HTML 8Page - Sipex Corporation SP6126EK1L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Mar 29-07 RevD
SP6126: TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
1
FEATURES
Wide 4.5V – 29V Input Voltage Range
Internal Compensation
Built-in High Current PMOS Driver
Adjustable Overcurrent Protection
Internal soft-start
600kHz Constant Frequency Operation
0.6V Reference Voltage
1% output setpoint accuracy
Lead Free, RoHS Compliant Package:
Small 6-Pin TSOT
DESCRIPTION
The SP6126 is a PWM controlled step down (buck) voltage mode regulator with VIN feedforward and
internal Type-II compensation. It operates from 4.5V to 29V making is suitable for 5V, 12V, and 24V
applications. By using a PMOS driver, this device is capable of operating at 100% duty cycle. The
high side driver is designed to drive the gate 5V below VIN. The programmable overcurrent
protection is based on high-side MOSFET’s ON resistance sensing and allows setting the
overcurrent protection value up to 300mV threshold (measured from VIN-LX). The SP6126 is
available in a space-saving 6-pin TSOT package making it the smallest controller available capable
of operating from 24VDC supplies.
TYPICAL APPLICATION CIRCUIT
6
5
4
1
2
3
SP6126
6 PinTSOT
GND
LX
GATE
FB
VIN
VDR
High=Of f
L1, IHLP-2525CZ
6.8uH, 60mOhm, 4.5A
C4
22uF
Ds
MBRA340T3G
R1
200k, 1%
RZ
2K
R2
44.2k, 1%
Q1
Si2343DS
CZ
62pF
C7
0.1uF
C1
10uF
Rs=1k
D1 1N4148
12V
SHDN
VIN
GND
GND
VOUT
Vin
GND
VDR
VFB
Gate
LX
SP6126
3.3V
0-2.0A
5
3
1
2
6
4
Solved by
TM
SP6126
High-Voltage, Step Down Controller in TSOT6


Similar Part No. - SP6126EK1L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126EK1 SIPEX-SP6126EK1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6126EK1-L SIPEX-SP6126EK1-L Datasheet
464Kb / 14P
   High-Voltage, Step Down Controller in TSOT6
logo
Exar Corporation
SP6126EK1-L EXAR-SP6126EK1-L Datasheet
1Mb / 14P
   High-Voltage, Step Down Controller in TSOT6
logo
Sipex Corporation
SP6126EK1-L/TR SIPEX-SP6126EK1-L/TR Datasheet
464Kb / 14P
   High-Voltage, Step Down Controller in TSOT6
logo
Exar Corporation
SP6126EK1-L/TR EXAR-SP6126EK1-L/TR Datasheet
1Mb / 14P
   High-Voltage, Step Down Controller in TSOT6
More results

Similar Description - SP6126EK1L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6127 SIPEX-SP6127 Datasheet
565Kb / 12P
   High-Voltage, Step-Down Controller in TSOT6
logo
Exar Corporation
SP6126 EXAR-SP6126 Datasheet
1Mb / 14P
   High-Voltage, Step Down Controller in TSOT6
logo
Sipex Corporation
SP6126 SIPEX-SP6126 Datasheet
464Kb / 14P
   High-Voltage, Step Down Controller in TSOT6
logo
Exar Corporation
SP6125 EXAR-SP6125 Datasheet
333Kb / 12P
   High-Voltage, Step Down Controller in TSOT6
SP6127 EXAR-SP6127 Datasheet
339Kb / 12P
   High-Voltage, Step-Down Controller in TSOT6
logo
Sipex Corporation
SP6125 SIPEX-SP6125 Datasheet
524Kb / 12P
   High-Voltage, Step Down Controller in TSOT6
logo
Skyworks Solutions Inc.
AAT1185 SKYWORKS-AAT1185 Datasheet
3Mb / 16P
   High Voltage Step-Down Controller
logo
Maxim Integrated Produc...
MAX1744 MAXIM-MAX1744 Datasheet
256Kb / 14P
   High-Voltage, Step-Down DC-DC Controller in uMAX
Rev 1; 10/01
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com