Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3222EUEY Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP3222EUEY
Description  3.3V, 1000 Kbps RS-232 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3222EUEY Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP3222EUEY Datasheet HTML 3Page - Sipex Corporation SP3222EUEY Datasheet HTML 4Page - Sipex Corporation SP3222EUEY Datasheet HTML 5Page - Sipex Corporation SP3222EUEY Datasheet HTML 6Page - Sipex Corporation SP3222EUEY Datasheet HTML 7Page - Sipex Corporation SP3222EUEY Datasheet HTML 8Page - Sipex Corporation SP3222EUEY Datasheet HTML 9Page - Sipex Corporation SP3222EUEY Datasheet HTML 10Page - Sipex Corporation SP3222EUEY Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Date: 04/25/06
SP3222EU, SP3232EU 3.3V, 1000Kbps RS-232 Transceivers
© Copyright 2006 Sipex Corporation
Figure 9. SP3222EU Typical Operating Circuits
Figure 10. SP3232EU Typical Operating Circuit
SP3222EU
2
4
6
5
3
7
19
GND
T1IN
T2IN
T1OUT
T2OUT
C1+
C1-
C2+
C2-
V+
V-
VCC
13
12
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
*C3
C4
+
+
0.1µF
0.1µF
8
17
RS-232
OUTPUTS
RS-232
INPUTS
LOGIC
INPUTS
VCC
18
1
5kΩ
R1IN
R1OUT
15
9
5kΩ
R2IN
R2OUT
10
16
LOGIC
OUTPUTS
EN
20
SHDN
*can be returned to
either VCC or GND
SSOP
TSSOP
SP3222EU
2
4
6
5
3
7
17
GND
T1IN
T2IN
T1OUT
T2OUT
C1+
C1-
C2+
C2-
V+
V-
VCC
12
11
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
*C3
C4
+
+
0.1µF
0.1µF
8
15
RS-232
OUTPUTS
RS-232
INPUTS
LOGIC
INPUTS
VCC
16
1
5kΩ
R1IN
R1OUT
13
9
5kΩ
R2IN
R2OUT
10
14
LOGIC
OUTPUTS
EN
18
SHDN
*can be returned to
either VCC or GND
DIP/SO
SP3232EU
1
3
5
4
2
6
16
GND
T1IN
T2IN
T1OUT
T2OUT
C1+
C1-
C2+
C2-
V+
V-
VCC
11
10
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
*C3
C4
+
+
0.1µF
0.1µF
14
7
RS-232
OUTPUTS
RS-232
INPUTS
LOGIC
INPUTS
VCC
15
5kΩ
R1IN
R1OUT
12
13
5kΩ
R2IN
R2OUT
9
8
LOGIC
OUTPUTS
*can be returned to
either VCC or GND


Similar Part No. - SP3222EUEY

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3222EUEY-L EXAR-SP3222EUEY-L Datasheet
1Mb / 20P
   3.3V, 1000 kbps RS-232 Transceivers
SP3222EUEY-L-TR EXAR-SP3222EUEY-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3222EUEY-L/TR EXAR-SP3222EUEY-L/TR Datasheet
1Mb / 20P
   3.3V, 1000 kbps RS-232 Transceivers
More results

Similar Description - SP3222EUEY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EU SIPEX-SP3222EU Datasheet
139Kb / 20P
   3.3V, 1000 Kbps RS-232 Transceivers
logo
Exar Corporation
SP3222EU EXAR-SP3222EU Datasheet
1Mb / 20P
   3.3V, 1000 kbps RS-232 Transceivers
logo
Sipex Corporation
SP3222EH SIPEX-SP3222EH Datasheet
138Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH_06 Datasheet
179Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH Datasheet
174Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222H SIPEX-SP3222H Datasheet
147Kb / 17P
   3.3V, 460 Kbps RS-232 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com