Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2516 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2516
Description  VHF/UHF TRANSMIITER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2516 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2516 Datasheet HTML 1Page - RF Micro Devices RF2516 Datasheet HTML 2Page - RF Micro Devices RF2516 Datasheet HTML 3Page - RF Micro Devices RF2516 Datasheet HTML 4Page - RF Micro Devices RF2516 Datasheet HTML 5Page - RF Micro Devices RF2516 Datasheet HTML 6Page - RF Micro Devices RF2516 Datasheet HTML 7Page - RF Micro Devices RF2516 Datasheet HTML 8Page - RF Micro Devices RF2516 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
11-5
RF2516
Rev A17 060712
RF2516 Theory of Operation
Introduction
Short range radio devices are becoming commonplace in today’s environment. The most common examples are the
remote keyless entry systems popular on many new cars and trucks, and the ubiquitous garage door opener. Other
applications are emerging with the growth in home security, automation and the advent of various remote control applica-
tions. Typically these devices have been simplex, or one-way, links. They are also typically built using surface acoustic
wave (SAW) devices as the frequency control elements. This approach has been attractive because the SAW devices
have been readily available and a transmitter, for example, could be built with only a few additional components. Recently
however, RF Micro Devices, Inc. (RFMD), has introduced several new components that enable a new class of short-
range radio devices based on the use of crystals and phase-locked loops for frequency control. These devices are supe-
rior in performance and comparable in cost to the traditional SAW-based designs. The RF2516 is an example of such a
device. The RF2516 is targeted for applications such as 315MHz and 433MHz band remote keyless entry systems and
wireless security systems, as well as other remote control applications.
The RF2516 Transmitter
The RF2516 is a low-cost AM/ASK VHF/UHF transmitter designed for applications operating within the frequency range
of 100MHz to 500MHz. In particular, it is intended for 315MHz to 433MHz band systems, remote keyless entry systems,
and FCC Part 15.231 periodic transmitters. It can also be used as a local oscillator signal source. The integrated VCO,
phase detector, prescaler, and reference oscillator require only the addition of an external crystal to provide a complete
phase-locked loop. In addition to the standard power-down mode, the chip also includes an automatic lock-detect feature
that disables the transmitter output when the PLL is out-of-lock.
The device is manufactured on a 25GHz Silicon Bipolar-CMOS process and packaged in an industry standard SSOP-16
plastic package. This, combined with the low external parts count, enables the designer to achieve small-footprint, high-
performance, low-cost designs.
The RF2516 is designed to operate from a supply voltage ranging from 2.25V to 3.6V, accommodating designs using
three NiCd battery cells, two AAA flashlight cells, or a lithium button battery. The device is capable of providing up to
+10dBm output power into a 50
Ω load, and is intended to comply with FCC requirements for unlicensed remote control
transmitters. ESD protection is provided on all pins except VCO and TX OUT.
While this device is intended for OOK operation, it is possible to use narrowband FM. This is accomplished by modulat-
ing the reference oscillator rather than applying the data to the MOD IN input pin. The MOD IN pin should be tied high to
cause the device to transmit. The deviation will be set by pulling limits of the crystal. Deviation sufficient for the transmis-
sion of voice and other low data rate signals can therefore be accomplished. Refer to the Application Schematic in the
data sheet for details.
The RF2516 Functional Blocks
A PLL consists of a reference oscillator, a phase detector, a loop filter, a voltage controlled oscillator (VCO), and a pro-
grammable divider in the feedback path. The RF2516 includes all of these internally, except for the loop filter and the ref-
erence oscillator’s crystal and two feedback capacitors.
The reference oscillator is a Colpitts type oscillator. Pins 1 (OSC B) and 2 (OSC E) provide connections to a transistor
that is used as the reference oscillator. The Colpitts configuration is a low parts count topology with reliable performance
and reasonable phase noise. Alternatively, an external signal could be injected into the base of the transistor. The drive
level should, in either case, be around 500mVPP. This level prevents overdriving the device and keeps the phase noise
and reference spurs to a minimum.
The prescaler divides the VCO frequency by either 64 or 32, using a series of flip-flops, depending upon the logic level
present at the DIV CTRL pin. A high logic level will select the 64 divisor. A low logic level will select the 32 divisor. This
divided signal is then fed into the phase detector where it is compared with the reference frequency.


Similar Part No. - RF2516

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2516 RFMD-RF2516 Datasheet
295Kb / 20P
   VHF/UHF TRANSMITTER
RF2516 RFMD-RF2516 Datasheet
451Kb / 22P
   VHF/UHF TRANSMIITER
RF2516PCBA-410 RFMD-RF2516PCBA-410 Datasheet
451Kb / 22P
   VHF/UHF TRANSMIITER
RF2516 RFMD-RF2516_1 Datasheet
451Kb / 22P
   VHF/UHF TRANSMIITER
More results

Similar Description - RF2516

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2516 RFMD-RF2516_1 Datasheet
451Kb / 22P
   VHF/UHF TRANSMIITER
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
   VHF/UHF TRANSMITTER
logo
Motorola, Inc
MMBTH10LT1 MOTOROLA-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
logo
Fairchild Semiconductor
KSP10 FAIRCHILD-KSP10 Datasheet
51Kb / 5P
   VHF/UHF transistor
logo
Motorola, Inc
MMBT918LT1 MOTOROLA-MMBT918LT1 Datasheet
97Kb / 4P
   VHF/UHF Transistor
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
   VHF/UHF TRANSISTOR
logo
List of Unclassifed Man...
USP10 ETC1-USP10 Datasheet
46Kb / 1P
   VHF/UHF TRANSISTOR
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G Datasheet
176Kb / 5P
   VHF/UHF Transistors
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
   VHF/UHF Transistors
logo
Yea Shin Technology Co....
MMBTH10Q YEASHIN-MMBTH10Q Datasheet
761Kb / 5P
   VHF/UHF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com