Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA4997H Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA4997H
Description  VErtical Reconstruction IC VERIC for PALplus
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4997H Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA4997H Datasheet HTML 1Page - NXP Semiconductors SAA4997H Datasheet HTML 2Page - NXP Semiconductors SAA4997H Datasheet HTML 3Page - NXP Semiconductors SAA4997H Datasheet HTML 4Page - NXP Semiconductors SAA4997H Datasheet HTML 5Page - NXP Semiconductors SAA4997H Datasheet HTML 6Page - NXP Semiconductors SAA4997H Datasheet HTML 7Page - NXP Semiconductors SAA4997H Datasheet HTML 8Page - NXP Semiconductors SAA4997H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1996 Oct 24
5
Philips Semiconductors
Preliminary specification
VErtical Reconstruction IC (VERIC) for
PALplus
SAA4997H
PINNING
SYMBOL
PIN
TYPE
DESCRIPTION
Y_VE_1
1
output
luminance output data bit 1
Y_VE_0
2
output
luminance output data bit 0
U_VE_1
3
output
chrominance output data bit 1 U-component
U_VE_0
4
output
chrominance output data bit 0 U-component
V_VE_1
5
output
chrominance output data bit 1 V-component
V_VE_0
6
output
chrominance output data bit 0 V-component
VSS1
7
input
ground 1
VDD1
8
input
positive supply voltage 1 (+5 V)
n.c.
9
not connected
n.c.
10
not connected
n.c.
11
not connected
n.c.
12
not connected
n.c.
13
not connected
n.c.
14
not connected
n.c.
15
not connected
n.c.
16
not connected
HREF_MA
17
input
horizontal reference
n.c.
18
not connected
VA_AI
19
input
vertical reference pulse related to output data
INTPOL
20
input
INTPOL = 1: PALplus interpolation active
INTPOL = 0: VERIC switched to bypass mode (standard signal)
FILM
21
input
FILM = 0: CAMERA mode
FILM = 1: FILM mode
EVEN_FIELD
22
input
EVEN_FIELD = 0: odd field related to MACPACIC input data
EVEN_FIELD = 1: even field related to MACPACIC input data
CLK_16B2
23
input
buffered clock input (16 MHz)
VSS2
24
input
ground 2
VDD2
25
input
positive supply voltage 2 (+5 V)
TCK
26
input
boundary scan test clock input
TMS
27
input
boundary scan test mode select input
TDI
28
input
boundary scan test data input
TDO_VE
29
output
boundary scan test data output
TRSTN
30
input
boundary scan test reset input
n.c.
31
not connected
n.c.
32
not connected
TEST1
33
tbf
test pins
TEST2
34
tbf
TEST3
35
tbf
CLK_32B3
36
input
buffered clock input (32 MHz)
VSS3
37
input
ground 3


Similar Part No. - SAA4997H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4990 PHILIPS-SAA4990 Datasheet
193Kb / 28P
   Progressive scan-Zoom and Noise reduction IC PROZONIC
1996 Oct 25
SAA4990H PHILIPS-SAA4990H Datasheet
193Kb / 28P
   Progressive scan-Zoom and Noise reduction IC PROZONIC
1996 Oct 25
SAA4992 PHILIPS-SAA4992 Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4992H PHILIPS-SAA4992H Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4993H PHILIPS-SAA4993H Datasheet
148Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
More results

Similar Description - SAA4997H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4996H PHILIPS-SAA4996H Datasheet
266Kb / 60P
   Motion Adaptive Colour Plus And Control IC MACPACIC for PALplus
1996 Oct 28
logo
Faraday Technology
FL390 FARADAY-FL390 Datasheet
47Kb / 2P
   RECONSTRUCTION FILTER
logo
STMicroelectronics
STEVAL-CCA004V1 STMICROELECTRONICS-STEVAL-CCA004V1 Datasheet
95Kb / 4P
   Internal reconstruction filter
logo
Faraday Technology
FL476 FARADAY-FL476 Datasheet
65Kb / 3P
   Multimedia Reconstruction Filters
logo
Maxim Integrated Produc...
MAX7445 MAXIM-MAX7445_V01 Datasheet
208Kb / 8P
   4-Channel Video Reconstruction Filter
19-2948; Rev 1; 10/05
logo
Faraday Technology
TFT1350F FARADAY-TFT1350F Datasheet
61Kb / 2P
   ANTIALIASING AND RECONSTRUCTION FILTERS
AH1000 FARADAY-AH1000 Datasheet
47Kb / 2P
   ACTIVE HYBRID RECONSTRUCTION FILTERS
logo
Maxim Integrated Produc...
MAX7449 MAXIM-MAX7449_V01 Datasheet
264Kb / 6P
   3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 1; 4/06
MAX7449 MAXIM-MAX7449 Datasheet
184Kb / 6P
   3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 0; 9/03
logo
Sharp Corporation
LR36685 SHARP-LR36685 Datasheet
63Kb / 8P
   Vertical Driver IC for CCD Area Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com