Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3224E Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP3224E
Description  3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3224E Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP3224E Datasheet HTML 6Page - Sipex Corporation SP3224E Datasheet HTML 7Page - Sipex Corporation SP3224E Datasheet HTML 8Page - Sipex Corporation SP3224E Datasheet HTML 9Page - Sipex Corporation SP3224E Datasheet HTML 10Page - Sipex Corporation SP3224E Datasheet HTML 11Page - Sipex Corporation SP3224E Datasheet HTML 12Page - Sipex Corporation SP3224E Datasheet HTML 13Page - Sipex Corporation SP3224E Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
Rev P 11/20/06
SP3224E-SP3227E Transceivers with Auto On-line® Plus
© 2006 Sipex Corporation
Generator
(see note B)
50Ω
3V
SHUTDOWN
RS-232
Output
CL
(see note A)
RL
TEST CIRCUIT
Figure 1. Driver Slew Rate
SR=
6V
tTHL or tTLH
tTLH
tTHL
3V
-3V
3V
-3V
3V
0V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
A. CL includes probe and jig capacitance
B. The pulse generator has the following characteristics: PRR= 250kbit/s, Zo=50Ω, 50% duty cycle, tr ≤10ns, tf ≤10ns
NOTES
Generator
(see note B)
50Ω
3V
SHUTDOWN
RS-232
Output
CL
(see note A)
RL
TEST CIRCUIT
Figure 2. Driver Propagation and Skew
tDPLH
tDPHL
1.5V
50%
50%
3V
0V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
1.5V
Skew=
ItDPHL- tDPLHI
A. CL includes probe and jig capacitance
B. The pulse generator has the following characteristics: PRR= 250kbit/s, Zo=50Ω, 50% duty cycle, tr ≤10ns, tf ≤10ns
NOTES
CHARACTERIZATION CIRCUITS AND WAVEFORMS
Generator
(see note B)
50Ω
3V
SHUTDOWN
RS-232
Output
CL
(see note A)
TEST CIRCUIT
NOTES A. CL includes probe and jig capacitance
B. The pulse generator has the following characteristics: PRR= 250kbit/s, Zo=50Ω, 50% duty cycle, tr ≤10ns, tf ≤10ns
Figure 3. Receiver Propagation Delay and Skew
tRPLH
tRPHL
1.5V
50%
50%
3V
0V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
1.5V
3V or 0V
ONLINE
Skew=
ItRPHL- tRPLHI
3V or 0V
ONLINE
3V or 0V
SHUTDOWN
50Ω
Generator
(See Note B)
CL
(see note A)
Output
RL
GND
VCC
S1
TEST CIRCUIT
NOTES: A CL includes probe and jig capacitance
B. The pulse generator has the folowing characteristics Zo=50Ω, 50% duty cycle, tr ≤10ns, tf ≤10ns
C. tPLZ and tPHZ are the same as tdis
D. tPZL and tPZH are the same as ten
Figure 4. Receiver Enable and Disable Times
VOLTAGE WAVEFORMS
Input
tPHZ
1.5V
1.5V
3V
0V
VOH
50%
0.3V
(51 at GND)
Output
tPLZ
(51 at VCC)
Output
0.3V
50%
VOL
tPZL
(S1 at VCC)
tPZH


Similar Part No. - SP3224E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3224E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3244E SIPEX-SP3244E Datasheet
922Kb / 22P
   3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com