Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD6620 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD6620
Description  1.5 - 2 AMPS 2001000 VOLTS 30 짰 60 nsec ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD6620 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD6620 Datasheet HTML 1Page - Solid States Devices, Inc SPD6620 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
__ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Family
6620 = 200V, 2A
6621 = 400V, 2A
6622 = 600V, 2A
6623 = 800V, 1.5A
6624 = 900V, 1.5A
6625 = 1000V, 1.5A
SPD6620 thru SPD6625
SPD6620SMS thru SPD6625SMS
1.5 - 2 AMPS
200 ─ 1000 VOLTS
30 – 60 nsec ULTRA FAST RECOVERY
RECTIFIER
FEATURES:
Ultra Fast Reverse Recovery Time 30-60 ns Max 4/
PIV to 1000 Volts (1200V Version Available)
Hermetically Sealed
Low Reverse Leakage Current
Rugged Single Chip Construction
For High Efficiency Applications
Available in Axial, Round Tab & Square Tab
Versions
Metallurgically Bonded
TX, TXV, and S-Level Screening Available
Ruggedized Replacement for:
1N 6620 thru 1N6625, US
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SPD6620
SPD6621
SPD6622
SPD6623
SPD6624
SPD6625
VRRM
VRWM
VR
200
400
600
800
900
1000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TL = 25°C)
SPD6620 thru SPD6622
SPD6623 thru SPD6625
IO
2
1.5
Amps
Peak Surge Current 5/
(8.3 msec Pulse, Half Sine Wave Superimposed on Io, allow junction to reach
equilibrium between pulses, TC = 25°C)
IFSM
20
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
°
C
Thermal Resistance,
Junction to Lead for Axial, L =.375"
Junction to End Tab
RθJL
RθJE
38
20
°
C/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
5/ SPD6625- IFSM = 15A
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0102C
DOC


Similar Part No. - SPD6620

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD6620 SSDI-SPD6620 Datasheet
120Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
SPD6620 SSDI-SPD6620_1 Datasheet
120Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results

Similar Description - SPD6620

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD6626 SSDI-SPD6626 Datasheet
145Kb / 2P
   2.8 - 4 AMPS 200 - 1000 VOLTS 30 - 60 nsec HYPER FAST RECOVERY RECTIFIER
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
   1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
SDR2UF1.8 SSDI-SDR2UF1.8 Datasheet
137Kb / 2P
   2 AMPS 1800 - 2000 VOLTS 70 nsec ULTRA FAST RECOVERY RECTIFIER
SDR950E SSDI-SDR950E Datasheet
199Kb / 2P
   60 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SHF1402SMS SSDI-SHF1402SMS Datasheet
319Kb / 2P
   40 AMPS 200- 600 VOLTS 30 nsec HYPER FAST RECTIFIER
SDR1510JUF SSDI-SDR1510JUF Datasheet
47Kb / 2P
   15 AMPS 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR6K SSDI-SDR6K_1 Datasheet
145Kb / 2P
   6.0 AMPS 800 - 1000 VOLTS 90 nsec ULTRA FAST RECTIFIER
SHF1402 SSDI-SHF1402 Datasheet
305Kb / 2P
   4 AMPS, 200-600 VOLTS 30 nsec HYPER FAST RECTIFIER
SPD5186 SSDI-SPD5186 Datasheet
213Kb / 2P
   3 Amps 150-200 nsec 100-1000 V Fast Recovery Rectifier
SDR936M SSDI-SDR936M Datasheet
42Kb / 2P
   30 AMPS 600 - 900 VOLTS 80 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com