Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA4992H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA4992H
Description  Field and line rate converter with noise reduction
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4992H Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA4992H Datasheet HTML 1Page - NXP Semiconductors SAA4992H Datasheet HTML 2Page - NXP Semiconductors SAA4992H Datasheet HTML 3Page - NXP Semiconductors SAA4992H Datasheet HTML 4Page - NXP Semiconductors SAA4992H Datasheet HTML 5Page - NXP Semiconductors SAA4992H Datasheet HTML 6Page - NXP Semiconductors SAA4992H Datasheet HTML 7Page - NXP Semiconductors SAA4992H Datasheet HTML 8Page - NXP Semiconductors SAA4992H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
2000 Feb 04
3
Philips Semiconductors
Product specification
Field and line rate converter with noise
reduction
SAA4992H
1
FEATURES
• Upconversion of all 1fH film and video standards up to
292 active input lines per field
• 100/120 Hz 2 : 1, 50/60 Hz 1 : 1 and 100/120 Hz 1 : 1
output formats
• 4:1:1, 4:2:2 and 4 : 2 : 2 Differential Pulse Code
Modulation (DPCM) input colour formats; 4 :1:1 and
4:2:2 output colour formats
• Full 8-bit accuracy
• Scalable performance by applying 1, 2 or 3 external
field memories
• Improved recursive de-interlacing
• Film (25 Hz, 30 Hz) upconversion to 100/120
movement phases per second
• Variable vertical sharpness enhancement
• Motion compensated 3D dynamic noise reduction
• High quality vertical zoom
• 2 Mbaud serial interface (SNERT).
2
GENERAL DESCRIPTION
The SAA4992H is a completely digital monolithic
integrated circuit which can be used for field and line rate
conversion of all global TV standards.
It features improved ‘Natural Motion’ performance and full
film upconversion for all 50 and 60 Hz film material.
It can be configured to emulate the SAA4990H as well as
the SAA4991WP. For demonstration purposes a split
screen mode to show the Dynamic Noise Reduction
(DNR) function and a colour vector overlay is available.
The SAA4992H supports a Boundary Scan Test (BST)
circuit in accordance with IEEE 1149.
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
3.0
3.3
3.6
V
IDD
supply current
400
550
mA
fCLK
operating clock frequency
32
33.3
MHz
Tamb
ambient temperature
0
70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA4992H
QFP160
plastic quad flat package; 160 leads (lead length 1.6 mm);
body 28
× 28 × 3.4 mm; high stand-off height
SOT322-2


Similar Part No. - SAA4992H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4990 PHILIPS-SAA4990 Datasheet
193Kb / 28P
   Progressive scan-Zoom and Noise reduction IC PROZONIC
1996 Oct 25
SAA4990H PHILIPS-SAA4990H Datasheet
193Kb / 28P
   Progressive scan-Zoom and Noise reduction IC PROZONIC
1996 Oct 25
SAA4993H PHILIPS-SAA4993H Datasheet
148Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
SAA4994H PHILIPS-SAA4994H Datasheet
147Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
SAA4995WP PHILIPS-SAA4995WP Datasheet
107Kb / 16P
   PANorama-IC PAN-IC
1997 Jun 10
More results

Similar Description - SAA4992H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4994H PHILIPS-SAA4994H Datasheet
147Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
SAA4993H PHILIPS-SAA4993H Datasheet
148Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
SAA4998H PHILIPS-SAA4998H Datasheet
175Kb / 39P
   Field and line rate converter with noise reduction and embedded memory
2004 Feb 18
SAA4979H PHILIPS-SAA4979H Datasheet
224Kb / 52P
   Sample rate converter with embedded high quality dynamic noise reduction and expansion port
2002 May 28
logo
OKI electronic componet...
ML87V2104 OKI-ML87V2104 Datasheet
126Kb / 13P
   Video Signal Noise Reduction and Field Rate Conversion IC with a Built-in 4M Bit Field Memory
ML87V2103 OKI-ML87V2103 Datasheet
127Kb / 14P
   Video Signal Noise Reduction and Rate Conversion IC with a Built-in 3.9 Mbit Field Memory
logo
NXP Semiconductors
SAA4956TJ PHILIPS-SAA4956TJ Datasheet
243Kb / 36P
   2.9-Mbit field memory with noise reduction
1998 Dec 08
SAA4945H PHILIPS-SAA4945H Datasheet
116Kb / 20P
   LIne MEmory noise Reduction IC LIMERIC
1997 Jun 10
logo
List of Unclassifed Man...
IS1800HG ETC2-IS1800HG Datasheet
519Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
IS1000HG ETC2-IS1000HG Datasheet
511Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com