Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR1212JUFDBTX Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR1212JUFDBTX
Description  12 AMP 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR1212JUFDBTX Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR1212JUFDBTX Datasheet HTML 1Page - Solid States Devices, Inc SDR1212JUFDBTX Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SDR1210UF / SDR1212UF
SERIES
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Electrical Characteristics 5/
SYMBOL
UNITS
VF3
VF4
MAX
IR1
IR2
µµA
30
500
Reverse Leakage Current
(80% of Rated VR, 300µs pulse min.)
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300 - 500
µsec Pulse )
1.50
1.60
VDC
VF1
VF2
Instantaneous Forward Voltage Drop
(IF = 8A, 300 - 500µsec pulse )
1.60
1.40
VDC
CJ
pF
50
Junction Capacitance
(VR = 10VDC, TA = 25
oC, f = 1MHz)
MIN
--
--
--
--
--
--
--
tRR
nsec
75
Reverse Recovery Time
(IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25
oC)
--
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines Contact Factory.
4/ Up and Down Bend Configurations Available for M and Z (TO-254 and TO-254Z) Packages Only.
5/ All Electrical Characteristics @25oC, Unless Otherwise Specified.
PIN ASSIGNMENT
Pin 3
Pin 1
PACKAGE
Anode
Anode
Cathode
Cathode
TO-257 (J)
SMD.5 (S.5)
Available Part Numbers:
SDR1210JUF
SDR1212JUF
SDR1210JUFDB
SDR1212JUFDB
SDR1210JUFUB
SDR1212JUFUB
SDR1210S.5UF
SDR1212S.5UF
SDR1210HBUF
SDR1212HBUF
SDR1210HEUF
SDR1212HEUF
Pin 2
Anode
Anode
N/A
Cathode
SedPack 1 (HB)
Anode
IF = 8A
IF = 12A
TA = 25
oC
TA = 100
oC
N/A
Cathode
SedPack 1 (HE)
Anode
TA = -55
oC
TA = 100
oC


Similar Part No. - SDR1212JUFDBTX

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1212CTJ SSDI-SDR1212CTJ Datasheet
60Kb / 2P
   12AMPS 1000 - 1200 VOLTS 70 nsec ULTRA FAST CENTERTAP RECTIFIER
More results

Similar Description - SDR1212JUFDBTX

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1510JUF SSDI-SDR1510JUF Datasheet
47Kb / 2P
   15 AMPS 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
1N6690 SSDI-1N6690_1 Datasheet
94Kb / 2P
   20 AMP 600-1200 Volts 75 nsec ULTRA FAST RECTIFIER
SDR1210CTJ SSDI-SDR1210CTJ Datasheet
60Kb / 2P
   12AMPS 1000 - 1200 VOLTS 70 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR1-12 SSDI-SDR1-12 Datasheet
214Kb / 2P
   1.0 AMP 1200 - 1600 VOLTS 70 nsec ULTRA FAST RECTIFIER
SDR803 SSDI-SDR803 Datasheet
39Kb / 2P
   100 AMP 50 - 1200 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR4GSMS SSDI-SDR4GSMS Datasheet
217Kb / 2P
   3 AMP 400-1200 VOLTS 50-80 nsec ULTRA FAST RECTIFIER
SRS1D SSDI-SRS1D Datasheet
191Kb / 2P
   1 AMP 200-1200 VOLTS 50-65 nsec ULTRA FAST RECTIFIER
SDR998N SSDI-SDR998N Datasheet
49Kb / 2P
   50 AMP 800 -1200 Volts 80 nsec Ultra Fast Recovery Rectifier
SDR6KSMS SSDI-SDR6KSMS Datasheet
208Kb / 2P
   6 AMP 800-1000 VOLTS 60-70 nsec ULTRA FAST RECTIFIER
SDR9JUF SSDI-SDR9JUF Datasheet
51Kb / 2P
   9 AMP 800 - 1000 VOLTS 70 nsec ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com