Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2411 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2411
Description  LOW NOISE AMPLIFIER/MIXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2411 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2411_06 Datasheet HTML 5Page - RF Micro Devices RF2411_06 Datasheet HTML 6Page - RF Micro Devices RF2411_06 Datasheet HTML 7Page - RF Micro Devices RF2411_06 Datasheet HTML 8Page - RF Micro Devices RF2411_06 Datasheet HTML 9Page - RF Micro Devices RF2411_06 Datasheet HTML 10Page - RF Micro Devices RF2411_06 Datasheet HTML 11Page - RF Micro Devices RF2411_06 Datasheet HTML 12Page - RF Micro Devices RF2411_06 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
8-15
RF2411
Rev A6 060907
Evaluation Board Schematic
Mixer Tuned for 1800MHz
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LNA
RF AMP
MIXER
C6
100 pF
VCC
L1
2.7 nH
T1
8:1
J2
IF OUT
J1
LNA IN
C7
1 nF
J5
LNA OUT
J4
MIXER IN
J3
LO IN
C5
1 nF
C3
300 pF
C4
100 nF
C2
1 nF
C1
1 nF
C8
100 nF
2411401 Rev B
NC
GND
P1-3
VCC
P1
1
2
3


Similar Part No. - RF2411_06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2411PCBA-H RFMD-RF2411PCBA-H Datasheet
260Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
RF2411PCBA-H RFMD-RF2411PCBA-H Datasheet
441Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
RF2411PCBA-L RFMD-RF2411PCBA-L Datasheet
260Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
RF2411PCBA-L RFMD-RF2411PCBA-L Datasheet
441Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_1 Datasheet
441Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
More results

Similar Description - RF2411_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
   Low-Noise Amplifier/Mixer
May 1999
logo
RF Micro Devices
RF2411 RFMD-RF2411_1 Datasheet
441Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411 Datasheet
260Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
logo
Renesas Technology Corp
HFA3600 RENESAS-HFA3600 Datasheet
861Kb / 16P
   Low-Noise Amplifier/Mixer
August 2002
logo
RF Micro Devices
RF2411 RFMD-RF2411_15 Datasheet
1Mb / 12P
   LOW NOISE AMPLIFIER/MIXER
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600_02 Datasheet
543Kb / 16P
   Low-Noise Amplifier/Mixer
logo
RF Micro Devices
RF3334 RFMD-RF3334_06 Datasheet
218Kb / 14P
   IF LOW NOISE AMPLIFIER/MIXER
RF3334 RFMD-RF3334_1 Datasheet
363Kb / 12P
   IF LOW NOISE AMPLIFIER/MIXER
RF2486 RFMD-RF2486 Datasheet
237Kb / 8P
   PCS LOW NOISE AMPLIFIER/MIXER
RF9986 RFMD-RF9986 Datasheet
235Kb / 8P
   PCS LOW NOISE AMPLIFIER/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com