Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C410C569K1G5HA Datasheet(PDF) 5 Page - Kemet Corporation

Part # C410C569K1G5HA
Description  Ceramic Leaded Capacitors
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C410C569K1G5HA Datasheet(HTML) 5 Page - Kemet Corporation

  C410C569K1G5HA Datasheet HTML 1Page - Kemet Corporation C410C569K1G5HA Datasheet HTML 2Page - Kemet Corporation C410C569K1G5HA Datasheet HTML 3Page - Kemet Corporation C410C569K1G5HA Datasheet HTML 4Page - Kemet Corporation C410C569K1G5HA Datasheet HTML 5Page - Kemet Corporation C410C569K1G5HA Datasheet HTML 6Page - Kemet Corporation C410C569K1G5HA Datasheet HTML 7Page - Kemet Corporation C410C569K1G5HA Datasheet HTML 8Page - Kemet Corporation C410C569K1G5HA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
CAPACITOR OUTLINE DRAWING
MAXIMUM DIMENSIONS—INCHES & (MILLIMETERS)
ORDERING INFORMATION
MARKING INFORMATION
LD
STYLE
L
D
LL
MAX
MAX
MIN
C410
.170 (4.32)
.100 (2.54)
.020 (.51)
1.0 (25.4)
C412
.170 (4.32)
.120 (3.05)
.020 (.51)
1.0 (25.4)
C420
.260 (6.60)
.100 (2.54)
.020 (.51)
1.0 (25.4)
C430
.290 (7.37)
.150 (3.81)
.020 (.51)
1.0 (25.4)
C440
.400 (10.16)
.150 (3.81)
.020 (.51)
1.0 (25.4)
+.001, -.003
(+.025, -.076)
M
104
410
T
5
C
A
U
5
C
CERAMIC
CASE SIZE
(See Table of Dimensions above)
SPECIFICATION
C — Standard
CAPACITANCE
Expressed in Picofarad Code (pF)
First Two Digits — Significant Figures
Third Digit — Number of Zeros
FAILURE RATE
INTERNAL CONSTRUCTION
CAPACITANCE TOLERANCE
J—
±5%
K—
±10%
M—
±20%
Z — –20 +80%
A — Not Applicable
TERM MATERIAL
T — 100% tin
H — SnPb
C — 100% Sn
(Not recommended for new design)
5 — Standard
DIELECTRIC
EIA Designation
G — C0G (NPO) — Ultra-Stable
R — X7R — Stable
U — Z5U — General Purpose
RATED VOLTAGE
1 — 100 Volts
5 — 50 Volts
2 — 200 Volts
*
*Part Number Example: C410C104M5U5CA (14 digits – no spaces)
LL
L
D
LD
K5R
104K
AB
0537
Manufacturer
(KEMET)
Rated Voltage
5 - 50 volts
1 - 100 volts
Dielectric
G – C0G/NP0
R – X7R
U – Z5U
Capacitance
Tolerance
Capacitance
Code
Lot
Code
Date
Code
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
5
CERAMIC CONFORMALLY COATED/AXIAL
“AXIMAX”


Similar Part No. - C410C569K1G5HA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C101J1G5TA KEMET-C410C101J1G5TA Datasheet
58Kb / 1P
   Ceramic, AxiMax, 100 pF, 5%, 100 V, C0G, AxiMax, Commercial Standard
C410C101J1G5TA7200 KEMET-C410C101J1G5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 100 pF, 5%, 100 V, C0G, AxiMax, Commercial Standard
C410C102J1G5TA KEMET-C410C102J1G5TA Datasheet
58Kb / 1P
   Ceramic, AxiMax, 1000 pF, 5%, 100 V, C0G, AxiMax, Commercial Standard
C410C102J1G5TA7200 KEMET-C410C102J1G5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 1000 pF, 5%, 100 V, C0G, AxiMax, Commercial Standard
C410C102J5G5TA7200 KEMET-C410C102J5G5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 1000 pF, 5%, 50 V, C0G, AxiMax, Commercial Standard
More results

Similar Description - C410C569K1G5HA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UP025B121K-A-BZ TAIYO-YUDEN-UP025B121K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B152K-A-BZ TAIYO-YUDEN-UP025B152K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B391K-A-BZ TAIYO-YUDEN-UP025B391K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B472K-A-BZ TAIYO-YUDEN-UP025B472K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025B821K-A-BZ TAIYO-YUDEN-UP025B821K-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B182K-A-BZ TAIYO-YUDEN-UP050B182K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B273K-A-BZ TAIYO-YUDEN-UP050B273K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B474K-A-BZ TAIYO-YUDEN-UP050B474K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP050B563K-A-BZ TAIYO-YUDEN-UP050B563K-A-BZ Datasheet
139Kb / 1P
   Axial Leaded Ceramic Capacitors
UP025CH331J-A-BZ TAIYO-YUDEN-UP025CH331J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com