Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP206BET Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP206BET
Description  5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP206BET Datasheet(HTML) 2 Page - Sipex Corporation

  SP206BET Datasheet HTML 1Page - Sipex Corporation SP206BET Datasheet HTML 2Page - Sipex Corporation SP206BET Datasheet HTML 3Page - Sipex Corporation SP206BET Datasheet HTML 4Page - Sipex Corporation SP206BET Datasheet HTML 5Page - Sipex Corporation SP206BET Datasheet HTML 6Page - Sipex Corporation SP206BET Datasheet HTML 7Page - Sipex Corporation SP206BET Datasheet HTML 8Page - Sipex Corporation SP206BET Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Date:05/26/2005
+5V High-Speed RS232 Transceivers
© Copyright 2005 Sipex Corporation
2
V
CC at nominal ratings; 0.1µF charge pump capacitors; TMIN to TMAX, unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
TTL INPUTS
T
IN, EN, SD
Logic Threshold
V
IL
0.8
Volts
V
IH
2.0
Volts
Logic Pullup Current
15
200
µAT
IN = 0V
Maximum Data Rate
120
kbps
C
L = 2,500pF, RL = 3kΩ
TTL OUTPUTS
Compatibility
TTL/CMOS
V
OL
0.4
Volts
I
OUT = 3.2mA; VCC = +5V
V
OH
3.5
Volts
I
OUT = –1.0mA
Leakage Current
0.05
±10
µA
EN = V
CC; 0V ≤ VOUT ≤ VCC ;
T
A = +25°C
RS-232 OUTPUT
Output Voltage Swing
±5
±7
Volts
All transmitter outputs loaded
with 3kΩ to ground
Output Resistance
300
Ohms
V
CC = 0V; VOUT = ±2V
Output Short Circuit Current
±25
mA
Infinite duration
RS-232 INPUT
Voltage Range
–15
+15
Volts
Voltage Threshold
LOW
0.8
1.2
Volts
V
CC = 5V, TA = +25°C
HIGH
1.7
2.4
Volts
V
CC = 5V, TA = +25°C
Hysteresis
0.2
0.5
1.0
Volts
V
CC = +5V
Resistance
3
5
7
kΩ
±15V; T
A = +25°C
DYNAMIC CHARACTERISTICS
Propagation Delay
1.5
µs
RS-232–to–TTL
Instantaneous Slew Rate
30
V/µsC
L = 50pF, RL = 3–7kΩ;
T
A = +25°C
Transition Region Slew Rate
5
V/µsC
L = 2,500pF, RL = 3kΩ;
measured from +3V to –3V
or –3V to +3V
Output Enable Time
400
ns
Output Disable Time
250
ns
ELECTRICAL CHARACTERISTICS
V
CC .................................................................................................. +6V
V+ ...................................................................... (V
CC – 0.3V) to +13.2V
V................................................................................................ 13.2V
Input Voltages
T
IN ......................................................................... –0.3V to (VCC +0.3V)
R
IN ................................................................................................ ±20V
Output Voltages
T
OUT ............................................................... (V
+, +0.3V) to (V, –0.3V)
R
OUT ...................................................................... –0.3V to (VCC +0.3V)
Short Circuit Duration on T
OUT ............................................ Continuous
Power Dissipation
Plastic DIP ............................................................................... 375mW
(derate 7mW/°C above +70°C)
Small Outline ............................................................................ 375mW
(derate 7mW/°C above +70°C)
These are stress ratings only and functional operation of the device at
these or any other above those indicated in the operation sections of the
specifications below is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - SP206BET

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP206BET SIPEX-SP206BET Datasheet
213Kb / 15P
   5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
More results

Similar Description - SP206BET

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
   5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX200 MAXIM-MAX200_15 Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 8; 1/15
MAX205CPG-G36 MAXIM-MAX205CPG-G36 Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1muF External Capacitors
Rev 7; 12/05
MAX204EWE MAXIM-MAX204EWE Datasheet
1Mb / 23P
   5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 7; 12/05
MAX200 MAXIM-MAX200 Datasheet
580Kb / 20P
   5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com