Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2312 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2312
Description  LINEAR GENERAL PURPOSE AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2312 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2312_06 Datasheet HTML 1Page - RF Micro Devices RF2312_06 Datasheet HTML 2Page - RF Micro Devices RF2312_06 Datasheet HTML 3Page - RF Micro Devices RF2312_06 Datasheet HTML 4Page - RF Micro Devices RF2312_06 Datasheet HTML 5Page - RF Micro Devices RF2312_06 Datasheet HTML 6Page - RF Micro Devices RF2312_06 Datasheet HTML 7Page - RF Micro Devices RF2312_06 Datasheet HTML 8Page - RF Micro Devices RF2312_06 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3-3
RF2312
Rev C6 051025
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (75
Ω)
T=25°C, VCC=9V, Freq = 900 MHz,
RC=30Ω, 75Ω System
Frequency Range
DC to 2500
MHz
3dB Bandwidth
Gain
14.5
16
dB
Noise Figure
3.8
4.3
dB
From 50MHz to 300MHz, -30°C to +70°C.
4.2
4.8
dB
From 300MHz to 1000MHz, -30°C to +70°C.
Input VSWR
1.3:1
2:1
From 50MHz to 900MHz, -30°C to +70°C.
Appropriate values for the DC blocking
capacitors and bias inductor are required to
maintain this VSWR at the intended operat-
ing frequency range.
Output VSWR
1.2:1
1.75:1
From 50MHz to 300MHz, -30°C to +70°C.
Appropriate values for the DC blocking
capacitors and bias inductor are required to
maintain this VSWR at the intended operat-
ing frequency range.
1.4:1
2:1
From 300MHz to 500MHz, -30°C to +70°C.
1.5:1
2:1
From 500MHz to 900MHz, -30°C to +70°C.
Output IP3
+36
+38
dBm
At 100MHz
Output IP3
+33
+36
dBm
At 500MHz
Output IP3
+28
+30
dBm
At 900MHz
Output P1dB
+21
+22
dBm
At 100MHz
Output P1dB
+20
+21
dBm
At 500MHz
Output P1dB
+17
+18.5
dBm
At 900MHz
Saturated Output Power
+23
dBm
At 100MHz
Saturated Output Power
+22.5
dBm
At 500MHz
Saturated Output Power
+20.5
dBm
At 900MHz
Reverse Isolation
20
dB
77 Channels
77 Channels to 550MHz at 10dBmV,
33 channels to 760MHz at 0dBmV flat at
DUT input
CSO
>86
dBc
61.25MHz
>86
dBc
83.25MHz
76
dBc
193.25MHz
72
dBc
313.2625MHz
64
dBc
547.25MHz
CTB
>86
dBc
61.25MHz
>86
dBc
83.25MHz
86
dBc
193.25MHz
84
dBc
313.2625MHz
83
dBc
547.25MHz
CNR
65
66
dB
110 Channels
110 Channels, 10dBmV/channel at input
CSO
>86
dBc
61.25MHz
>86
dBc
83.25MHz
76
dBc
193.25MHz
70
dBc
313.2625MHz
64
dBc
547.25MHz
CTB
84
dBc
61.25MHz
86
dBc
83.25MHz
85
dBc
193.25MHz
81
dBc
313.2625MHz
80
dBc
547.25MHz
Cross Modulation
77
dBc
61.25MHz
74
dBc
445.25MHz
CNR
65
66
dB


Similar Part No. - RF2312_06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2312PCBA RFMD-RF2312PCBA Datasheet
274Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312PCK QORVO-RF2312PCK Datasheet
856Kb / 13P
   Linear General Purpose Amplifier
RF2312SQ QORVO-RF2312SQ Datasheet
856Kb / 13P
   Linear General Purpose Amplifier
RF2312SR QORVO-RF2312SR Datasheet
856Kb / 13P
   Linear General Purpose Amplifier
RF2312TR13 QORVO-RF2312TR13 Datasheet
856Kb / 13P
   Linear General Purpose Amplifier
More results

Similar Description - RF2312_06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
   Linear General Purpose Amplifier
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320 Datasheet
181Kb / 10P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_1 Datasheet
400Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827 Datasheet
199Kb / 10P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
269Kb / 14P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827_14 Datasheet
519Kb / 10P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2312TR7 RFMD-RF2312TR7 Datasheet
311Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com