Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SP485 Datasheet(PDF) 9 Page - Sipex Corporation

Part No. SP485
Description  Low Power Half-Duplex RS-485 Transceivers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIPEX [Sipex Corporation]
Homepage  http://www.sipex.com
Logo 

 
 9 page
background image
9
Rev. 07/28/04
SP481/483/485 Low Power Half-Duplex RS485 Transceivers
© Copyright 2002 Sipex Corporation
PACKAGE: 8 PIN PDIP
INDEX
AREA
b
N
1
2
3
N/2
c
D1
eA
eB
E
SYMBOL
MIN
NOM
MAX
A
-
-
0.21
A1
0.15
-
-
A2
0.115
0.13
0.195
b
0.014
0.018
0.022
b2
0.045
0.06
0.07
b3
0.3
0.039
0.045
c
0.008
0.01
0.014
D
0.355
0.365
0.4
D1
0.005
-
-
E
0.3
0.31
0.325
E1
0.24
0.25
0.28
e
eA
eB
-
-
0.43
L
0.115
0.13
0.15
Note: Dimensions in (mm)
.100 BSC
.300 BSC
8 PIN PDIP JEDEC MS-001 (BA) Variation
E
E1
D
A
L
A2
A1
b
b2
e
b3
c




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL8483_065V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL83070E_06±15kV ESD Protected 3.3V Full Fail-safe Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL8483E_05ESD Protected to ±15kV 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL3170E±15kV ESD Protected 3.3V Full Fail-safe Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL8487_061/8 Unit Load 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL8487E_06±15kV ESD Protected 1/8 Unit Load 5V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL83483_043.3V Low Power High Speed or Slew Rate Limited RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
ISL4489E_06±15kV ESD Protected 1/8 Unit Load 5V Low Power High Speed and Slew Rate Limited Full Duplex RS-485/RS-422 Transceivers 1 2 3 4 5 MoreIntersil Corporation
NB2780ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl