Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP385ECA Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP385ECA
Description  Enhanced 3V or 5V RS-232 Line Driver/Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP385ECA Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP385ECA Datasheet HTML 3Page - Sipex Corporation SP385ECA Datasheet HTML 4Page - Sipex Corporation SP385ECA Datasheet HTML 5Page - Sipex Corporation SP385ECA Datasheet HTML 6Page - Sipex Corporation SP385ECA Datasheet HTML 7Page - Sipex Corporation SP385ECA Datasheet HTML 8Page - Sipex Corporation SP385ECA Datasheet HTML 9Page - Sipex Corporation SP385ECA Datasheet HTML 10Page - Sipex Corporation SP385ECA Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Date: 03/08/05
SP385E Enhanced +3V to +5V RS-232 Line Driver/Receiver
© Copyright 2005 Sipex Corporation
11
ORDERING INFORMATION
Model ....................................................................................... Temperature Range ................................................................................ Package
SP385ECA ..................................................................................... 0°C to +70°C ............................................................................... 20–pin SSOP
SP385ECA/TR ............................................................................... 0°C to +70°C ............................................................................... 20–pin SSOP
SP385EEA ................................................................................... –40°C to +85°C ............................................................................. 20–pin SSOP
SP385EEA/TR ............................................................................. –40°C to +85°C ............................................................................. 20–pin SSOP
SP385ECT ..................................................................................... 0°C to +70°C ............................................................................. 18–pin WSOIC
SP385ECT/TR ............................................................................... 0°C to +70°C ............................................................................. 18–pin WSOIC
SP385EET ................................................................................... –40°C to +85°C ........................................................................... 18–pin WSOIC
SP385EET/TR ............................................................................. –40°C to +85°C ........................................................................... 18–pin WSOIC
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
CLICK HERE TO ORDER SAMPLES
/TR = Tape and Reel
Pack quantity is 1,500 for SSOP or WSIOC.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP385EET/TR = standard; SP385EET-L/TR = lead free


Similar Part No. - SP385ECA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP385ECA SIPEX-SP385ECA Datasheet
133Kb / 11P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385ECA SIPEX-SP385ECA Datasheet
137Kb / 11P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
Exar Corporation
SP385ECA-L EXAR-SP385ECA-L Datasheet
737Kb / 15P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385ECA-L EXAR-SP385ECA-L Datasheet
754Kb / 16P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
SP385ECA-L-TR EXAR-SP385ECA-L-TR Datasheet
737Kb / 15P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
More results

Similar Description - SP385ECA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP385E SIPEX-SP385E Datasheet
133Kb / 11P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
Exar Corporation
SP385EEA-L-TR EXAR-SP385EEA-L-TR Datasheet
754Kb / 16P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
Sipex Corporation
SP385E SIPEX-SP385E Datasheet
137Kb / 11P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
Exar Corporation
SP385ECT-L EXAR-SP385ECT-L Datasheet
737Kb / 15P
   Enhanced 3V or 5V RS-232 Line Driver/Receiver
logo
Sipex Corporation
SP385E-1 SIPEX-SP385E-1 Datasheet
98Kb / 11P
   True 3V or 5V RS-232 Line Driver/Receiver
SP385A SIPEX-SP385A Datasheet
80Kb / 9P
   3V to 5V RS-232 Line Driver/Receiver
SP385A SIPEX-SP385A Datasheet
65Kb / 9P
   3V to 5V RS-232 Line Driver/Receiver
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com