Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM62514.0T92T Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM62514.0T92T
Description  250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM62514.0T92T Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM62514.0T92T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM62514.0T92T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM62514.0T92T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM62514.0T92T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM62514.0T92T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM62514.0T92T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM62514.0T92T Datasheet HTML 11Page - Gamma Microelectronics Inc. GM62514.0T92T Datasheet HTML 12Page - Gamma Microelectronics Inc. GM62514.0T92T Datasheet HTML 13Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
PERFORMANCE CHARACTERISTICS FOR GM6251 - 3.0
3.1
3.0
2.9
2.8
2.7
0
20
40
60
80 100 120 140 160 180
Output Current: I
(mA)
OUT
Figure 1: Output Voltage vs.
Output Current
1.0
0.8
0.6
0.4
0.2
0.0
-0.2
0
20
40
60
80
100 120 140 160 180
Output Current: I
(mA)
OUT
Figure 2: Input/ Output Voltage differential
vs. Output Current
3.10
3.05
3.00
2.95
2.90
2.85
3
4
5
6
7
8
9
10
Input Voltage: V (V)
IN
Figure 4: Output Voltage vs.
Input voltage
3.20
3.00
2.80
2.60
2.40
2.20
2.5
3.0
2.5
10mA
40mA
I
=1mA
OUT
Input Voltage: V (V)
IN
Figure 3: Output Voltage vs.
Input voltage
3.0
2.0
1.0
0
0
2
4
6
8
10
Input Voltage: V (V)
IN
Figure 5: Supply Current vs. Input
Voltage
2.50
2.25
2.00
1.75
1.50
3
4
5
6
7
8
9
10
Input Voltage: V (V)
IN
Figure 6: Supply Current vs.
Input Voltage
Topr= 25°C
V =4V
IN
C =1µF
IN
C =1µF
L
Topr= 25°C
C =1µF
IN
C =1µF
L
T
= 25°C
opr
C =1µF
IN
C =1µF
L
T
= 25°C
opr
C =1µF
IN
C =1µF
L
I
=1mA
OUT
10mA
40mA
Topr= 25°C
Topr= 25°C


Similar Part No. - GM62514.0T92T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6251-1.8ST25R ETC2-GM6251-1.8ST25R Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM6251-1.8ST25R GAMMA-GM6251-1.8ST25R Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6251-1.8ST89R ETC2-GM6251-1.8ST89R Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM62514.0T92T

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC6251 FCI-FC6251 Datasheet
174Kb / 12P
   250mA Ultra-Low Droupout Positive Voltage Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Eorex Corporation
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1202 EOREX-EP1202 Datasheet
385Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201 Datasheet
386Kb / 8P
   250mA Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954 Datasheet
169Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com