Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP78L05N-L Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP78L05N-L
Description  100mA 3-Terminal Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP78L05N-L Datasheet(HTML) 4 Page - Sipex Corporation

  SP78L05N-L Datasheet HTML 1Page - Sipex Corporation SP78L05N-L Datasheet HTML 2Page - Sipex Corporation SP78L05N-L Datasheet HTML 3Page - Sipex Corporation SP78L05N-L Datasheet HTML 4Page - Sipex Corporation SP78L05N-L Datasheet HTML 5Page - Sipex Corporation SP78L05N-L Datasheet HTML 6Page - Sipex Corporation SP78L05N-L Datasheet HTML 7Page - Sipex Corporation SP78L05N-L Datasheet HTML 8Page - Sipex Corporation SP78L05N-L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image

Date: 8/3/06 Rev H
SP78LXX 00mA 3-Terminal Positive Voltage Regulator
© 2006 Sipex Corporation
SP78L12 electrical characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
11.5
12
12.5
V
15V
VI 18V
1.0mA
IO 40mA (Note 2)
11.4
12.6
Line Regulation
VRLINE
15V
VI 18V
18
75
mV
Load Regulation
VRLOAD 1.0mA IO 100mA
20
90
mV
Quiescent Current
IQ
3
5
mA
Quiescent Current Change
IQ
15V
VI 18V
1.5
mA
1.0mA
IO 40mA
0.1
Output Noise Voltage
NO
10Hz
f
100kHz (Note 3)
80
V
Ripple Rejection
VI/ VO f=120Hz, 15V VI 18V
40
54
dB
Peak Output Current
IPK
150
mA
Average Temperature Coefficient of
Output Voltage
VO/ T IO = 5.0mA
-1.0
mV/ oC
Minimum Value of Input Voltage
Required to Maintain Line Regula-
tion
VI(Min)
13.7
V
Limits in standard typeface are for TJ =25oC, Bold typeface applies over 0oC to 125oC, IO=40 mA, CI =0.33 F,
CO=0.1 F, VI =18V, unless otherwise specified.
Note 2: Power Dissipation
0.6W
Note 3: Recommended minimum load capacitance of 0.01 F to limit high frequency noise.
electrical characteristics (continued)


Similar Part No. - SP78L05N-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP78L05N-L EXAR-SP78L05N-L Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
SP78L05N-L/TR EXAR-SP78L05N-L/TR Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results

Similar Description - SP78L05N-L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_14 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com