Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP78XX Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP78XX
Description  3-Terminal Positive Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP78XX Datasheet(HTML) 1 Page - Sipex Corporation

  SP78XX Datasheet HTML 1Page - Sipex Corporation SP78XX Datasheet HTML 2Page - Sipex Corporation SP78XX Datasheet HTML 3Page - Sipex Corporation SP78XX Datasheet HTML 4Page - Sipex Corporation SP78XX Datasheet HTML 5Page - Sipex Corporation SP78XX Datasheet HTML 6Page - Sipex Corporation SP78XX Datasheet HTML 7Page - Sipex Corporation SP78XX Datasheet HTML 8Page - Sipex Corporation SP78XX Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image

Date: 7/28/06 Rev E
SP78XX 3-Terminal Positive Linear Regulators
© 2006 Sipex Corporation
general Description
The S
P78XX series are monolithic integrated circuits designed as fixed-voltage regulators for a wide variety of
applications including local, on-card regulation.
This series of regulators are complete with internal current limiting, thermal shutdown protection, and safe-area
compensation which make them virtually immune from output overload. If adequate heat sinking are provided,
these regulators can deliver output currents up to 1.0A.
The S
P78XX series are available in two standard plastic packages: TO-220 and TO-252.
Features
Output Current up to 1.0A
Fixed Output Voltage
s of 5V and 12V
Output Voltage Tolerances of
5% over the Full
Temperature Range
Internal Short Circuit Current-limiting
Internal Thermal Overload Protection
Available in Lead Free, RoHS Compliant
Packages
applications
Consumer Electronics
Microprocessor Power Supply
Mother Board I/O Power Supply
Figure . Package Types of SP78XX
TO-220
TO-22
TO-220 Package
INPUT
OUTPUT
GND

2
3
SP78XX
3-Terminal Positive Regulators
Solved by
TM


Similar Part No. - SP78XX

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7800 SIPEX-SP7800 Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP7800AJN SIPEX-SP7800AJN Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP7800AJS SIPEX-SP7800AJS Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP7800AKN SIPEX-SP7800AKN Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
More results

Similar Description - SP78XX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM340 NSC-LM340 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com