Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP26LV432CP-L Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP26LV432CP-L
Description  High-Speed, Low-Power Quad RS-422 Differential Line Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP26LV432CP-L Datasheet(HTML) 3 Page - Sipex Corporation

  SP26LV432CP-L Datasheet HTML 1Page - Sipex Corporation SP26LV432CP-L Datasheet HTML 2Page - Sipex Corporation SP26LV432CP-L Datasheet HTML 3Page - Sipex Corporation SP26LV432CP-L Datasheet HTML 4Page - Sipex Corporation SP26LV432CP-L Datasheet HTML 5Page - Sipex Corporation SP26LV432CP-L Datasheet HTML 6Page - Sipex Corporation SP26LV432CP-L Datasheet HTML 7Page - Sipex Corporation SP26LV432CP-L Datasheet HTML 8Page - Sipex Corporation SP26LV432CP-L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Date: 04/27/06
SP26LV432 High Speed, Low Power Quad Differential Line Receiver
© Copyright 2006 Sipex Corporation
SPECIFICATIONS (continued)
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +3.6V, Tamb = 25°C, tr < 6ns, tf <
6ns, and all MIN and MAX limits apply across the recommended operating temperature range.
.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
R
E
T
E
M
A
R
A
P
C
A
,
t
u
p
t
u
O
o
t
t
u
p
n
I
s
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
.
2
e
r
u
g
i
f
o
t
r
e
f
e
R
t
H
L
P
t
,
L
H
P
4
15
3s
nC
L
V
,
F
p
0
5
=
F
F
I
D
V
,
V
5
.
2
=
M
C
,
V
0
=
V
C
C
V
5
+
=
,
s
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
t
u
p
t
u
O
t
E
S
I
R
t
,
L
L
A
F
50
1s
nC
L
V
,
F
p
0
5
=
F
F
I
D
V
,
V
5
.
2
=
M
C
,
V
0
=
V
C
C
V
5
+
=
,
t
u
p
t
u
O
o
t
E
L
B
A
N
E
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
t
Z
L
P
t
,
Z
H
P
0
4s
nC
L
R
,
F
p
0
5
=
L
0
0
0
1
=
Ω V
,
F
F
I
D
,
V
5
.
2
=
V
C
C
V
5
+
=
,
t
u
p
t
u
O
o
t
E
L
B
A
N
E
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
.
4
e
r
u
g
i
F
o
t
r
e
f
e
R
t
L
Z
P
t
,
H
Z
P
0
4s
nC
L
R
,
F
p
0
5
=
L
0
0
0
1
=
Ω V
,
F
F
I
D
,
V
5
.
2
=
V
C
C
V
5
+
=
RI
4
A RI
4
B
VCC
GND
R04
R02
R03
R01
INPUTS
OUTPUTS
ENABLE
ENABLE
RI
3
A RI
3
B
RI
2
A RI
2
B
RI
1
A RI
1
B
Figure 1. SP26LV432 Block Diagram


Similar Part No. - SP26LV432CP-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP26LV432CP-L EXAR-SP26LV432CP-L Datasheet
780Kb / 20P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SP26LV432CP-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP432 SIPEX-SP432 Datasheet
362Kb / 14P
   High Speed, Low Power Quad RS-422 Differential Line Receiver
SP26LV432 SIPEX-SP26LV432 Datasheet
124Kb / 11P
   High Speed, Low Power Quad RS-422 Differential Line Receiver
logo
Exar Corporation
SP26LV432 EXAR-SP26LV432 Datasheet
780Kb / 20P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE RECEIVER
ST26C32 EXAR-ST26C32 Datasheet
70Kb / 8P
   QUAD RS-422, RS-423 CMOS Differential Line Receiver
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
   Quad RS-422, RS-423 Line Receiver
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
   Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
[Old version datasheet]   DS3486 Quad RS-422, RS-423 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com