Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7805 Datasheet(PDF) 4 Page - EPCOS

Part # B7805
Description  SAW Components Low-Loss Filter for Mobile Communication 1842,50 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7805 Datasheet(HTML) 4 Page - EPCOS

  B7805 Datasheet HTML 1Page - EPCOS B7805 Datasheet HTML 2Page - EPCOS B7805 Datasheet HTML 3Page - EPCOS B7805 Datasheet HTML 4Page - EPCOS B7805 Datasheet HTML 5Page - EPCOS B7805 Datasheet HTML 6Page - EPCOS B7805 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Aug 29, 2001
SAW Components
B7805
1842,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -10 to +80˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
1842,5
MHz
Maximum insertion attenuation
α
max
1805,0
...1880,0
MHz
3,1
3,5
dB
Amplitude ripple (p-p)
∆α
1805,0
...1880,0
MHz
1,5
1,9
dB
Input VSWR
1805,0
...1880,0
MHz
1,9
2,1
Output VSWR
1805,0
...1880,0
MHz
1,9
2,1
Attenuation
α
10,0
... 500,0
MHz
19,0
20,0
dB
500,0
...1200,0
MHz
17,5
18,5
dB
1200,0
...1705,0
MHz
19,0
20,0
dB
1705,0
...1785,0
MHz
10,0
16,0
dB
1920,0
...1980,0
MHz
10,0
25,0
dB
1980,0
...2700,0
MHz
23,0
26,0
dB
2700,0
...3840,0
MHz
15,0
17,0
dB
3840,0
...6000,0
MHz
13,0
16,0
dB


Similar Part No. - B7805

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B780 EDAL-B780 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE RECTIFIER
B780-100 EDAL-B780-100 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE RECTIFIER
B780-120 EDAL-B780-120 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE RECTIFIER
B780-150 EDAL-B780-150 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE RECTIFIER
B780-200 EDAL-B780-200 Datasheet
50Kb / 1P
   SUB-MINIATURE SILICON HIGH VOLTAGE RECTIFIER
More results

Similar Description - B7805

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4142 EPCOS-B4142 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 1842,50 MHz
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com