Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT8000 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT8000
Description  Clock Synchronizer/Adapter for Communications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8000 Datasheet(HTML) 5 Page - Exar Corporation

  XRT8000 Datasheet HTML 1Page - Exar Corporation XRT8000 Datasheet HTML 2Page - Exar Corporation XRT8000 Datasheet HTML 3Page - Exar Corporation XRT8000 Datasheet HTML 4Page - Exar Corporation XRT8000 Datasheet HTML 5Page - Exar Corporation XRT8000 Datasheet HTML 6Page - Exar Corporation XRT8000 Datasheet HTML 7Page - Exar Corporation XRT8000 Datasheet HTML 8Page - Exar Corporation XRT8000 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
XRT8000
5
Rev. 1.11
DC ELECTRICAL CHARACTERISTICS (Except Serial Interface) Operating Temperature: -40_C to 85_C
Test Conditions: TA = 25_C, VCC = 3.3V ± 5% Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VIL
Input low level
0.8
V
VIH
Input high level
2.0
V
VOL
Output low level (CLK1,CLK2)
0.4
V
IOL = -3 mA
VOH
Output high level (CLK1,CLK2)
2.4
V
IOH = 3 mA
VOL
Output low level (LOCKDET,SYNC)
0.4
V
IOL = -2.5 mA
VOH
Output high level (LOCKDET,SYNC)
2.4
V
IOH = 2.5 mA
IIL
Input low current (CSB,MSB)
-150
mA
IIH
Input high current (CSB,MSB)
10
mA
VIN = VCC
IIL
Input low current (except CSB,MSB)
-10
mA
IIH
Input high current (except CSB,MSB)
10
mA
VIN = VCC
ICC
Operating current
11
30
mA
No load. Clock = 2.1 MHz
RIN
Input pull-up resistance (CSB,MSB)
50
100
150
KW
AC ELECTRICAL CHARACTERISTICS (See Figure 3)
Symbol
Parameter
Spec.3
Min
Typ
Max
Unit
Conditions
T1
Input frequency
0.008
32.7
MHz
T2
Minimum input signal high to
low duration
12
ns
T3
Output frequency
1.2
2.1
KHz
T61
Duty cycle CLK1, CLK2
47.5
50
52.5
%
VCC/2 switch point. 30pF
load.
T74
Jitter added 8KHz-40KHz
0.025
0.01
0.02
UI
Output =1.544MHz
T74
Jitter added 10Hz-40KHz
0.025
0.030
UI
Output =1.544MHz
T74
Broad Band
0.05
0.035
0.05
UI
Output =1.544MHz
T74
Jitter added 20Hz-100KHz
1.5
0.045
0.07
UI
Output =2.048MHz
T74
Jitter added 18kHz-100KHz
0.2
0.010
0.03
UI
Output =2.048MHz
T8
Capture time
40
ms
T9
Clock output rise time
14
ns
30pF load. Measured at
20/80 %
T10
Clock output fall time
14
ns
30pF load. Measured at
20/80 %
T112
Duty cycle SYNC
40
60
%
VCC/2 switch point
(in master forward mode).
30pF load.
T14
Delay time between SYNC
and CLK1 or CLK2
T-20
T
T+20
ns
See table 12 for values of T
Notes:
1 T6 = (
)
T
T
T
4
4
5
+
2 T11 = (
)
T
T
T
12
12
13
+
3 Specifications from AT&T Publication 62411 and ITUT Rcommendations G-823 (for 1.544MHz and 2.048MHz, respectively)
4 T7 is guaranteed by characterization, not tested.
Specifications are subject to change without notice.


Similar Part No. - XRT8000

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000D EXAR-XRT8000D Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
XRT8000IP EXAR-XRT8000IP Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
More results

Similar Description - XRT8000

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
   CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
logo
Texas Instruments
LMK5C33216 TI-LMK5C33216 Datasheet
3Mb / 93P
[Old version datasheet]   LMK5C33216 Ultra-Low Jitter Clock Synchronizer with JESD204B for Wireless Communications with BAW
logo
Integrated Circuit Syst...
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
   Clock Synchronizer and Multiplier
logo
Raltron Electronics Cor...
SY02-PLL RALTRON-SY02-PLL Datasheet
262Kb / 5P
   CLOCK/SYNCHRONIZER - SY02-PLL
SY02-PLL2 RALTRON-SY02-PLL2 Datasheet
152Kb / 6P
   CLOCK/SYNCHRONIZER - SY02-PLL2
logo
Integrated Device Techn...
9170B-01CS08LF IDT-9170B-01CS08LF Datasheet
302Kb / 12P
   CLOCK SYNCHRONIZER AND MULTIPLIER
AV9170 IDT-AV9170 Datasheet
190Kb / 12P
   Clock Synchronizer and Multiplier
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
   CLOCK SYNCHRONIZER AND MULTIPLIER
2019
logo
Data Delay Devices, Inc...
3D6701 DATADELAY-3D6701 Datasheet
330Kb / 4P
   MONOLITHIC CLOCK SYNCHRONIZER (SERIES 3D6701)
logo
Analog Devices
AD9546 AD-AD9546 Datasheet
2Mb / 205P
   Dual DPLL Digitized Clock Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com