Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRK32308CD-5H Datasheet(PDF) 9 Page - Exar Corporation

Part # XRK32308CD-5H
Description  3.3V ZERO DELAY BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK32308CD-5H Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRK32308CD-5H Datasheet HTML 5Page - Exar Corporation XRK32308CD-5H Datasheet HTML 6Page - Exar Corporation XRK32308CD-5H Datasheet HTML 7Page - Exar Corporation XRK32308CD-5H Datasheet HTML 8Page - Exar Corporation XRK32308CD-5H Datasheet HTML 9Page - Exar Corporation XRK32308CD-5H Datasheet HTML 10Page - Exar Corporation XRK32308CD-5H Datasheet HTML 11Page - Exar Corporation XRK32308CD-5H Datasheet HTML 12Page - Exar Corporation XRK32308CD-5H Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PRELIMINARY
XRK32308
9
REV. P1.0.3
3.3V ZERO DELAY BUFFER
tJ
Cycle to Cycle Jitter[7]
(-1, -1H, -4, -5H)
Measured at 66.67MHz, loaded outputs,
15-pF load
-
75
200
ps
Measured at 66.67MHz, loaded outputs,
30-pF load
-
-
200
ps
Measured at 120MHz, loaded outputs,
15-pF load
-
-
100
ps
Cycle to Cycle Jitter[7]
(-2, -3)
Measured at 66.67MHz, loaded outputs,
30-pF load
-
-
400
ps
Measured at 66.67MHz, loaded outputs,
15 pF load
-
-
400
ps
tLOCK
PLL Lock Time[7]
Stable power suppy, valid clocks
presented on REF and FB pins
-
-
1.0
ms
FIGURE 3. SWITCHING WAVEFORMS
TABLE 10: SWITCHING CHARACTERISTICS FOR XRK32308 INDUSTRIAL TEMPERATURE DEVICES[8]
PARAMETER
NAME
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
OUTPUT
Output-Output Skew
1.4V
1.4V
t
5
t
1
t
2
1.4V
1.4V
1.4V
Duty Cycle Timing
2.0V
0.8V
2.0V
0.8V
t
3
t
4
OUTPUT
3.3V
0V
All Outputs Rise/Fall Time
FB, Device 1
Device-Device Skew
t
7
FB, Device 2
V
DD/2
V
DD/2
INPUT
FB
Input-Output Skew
V
DD/2
t
6
V
DD/2


Similar Part No. - XRK32308CD-5H

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-1 EXAR-XRK32308-1 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-1H EXAR-XRK32308-1H Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-2 EXAR-XRK32308-2 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-3 EXAR-XRK32308-3 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
More results

Similar Description - XRK32308CD-5H

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com