Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA3049AT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA3049AT
Description  Infrared remote control decoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA3049AT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA3049AT Datasheet HTML 3Page - NXP Semiconductors SAA3049AT Datasheet HTML 4Page - NXP Semiconductors SAA3049AT Datasheet HTML 5Page - NXP Semiconductors SAA3049AT Datasheet HTML 6Page - NXP Semiconductors SAA3049AT Datasheet HTML 7Page - NXP Semiconductors SAA3049AT Datasheet HTML 8Page - NXP Semiconductors SAA3049AT Datasheet HTML 9Page - NXP Semiconductors SAA3049AT Datasheet HTML 10Page - NXP Semiconductors SAA3049AT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1996 Sep 13
7
Philips Semiconductors
Product specification
Infrared remote control decoder
SAA3049A
Reset
The circuit is shown in Figs 5, 6 and 7. The alternative reset circuit shown in Fig.3 protects against short term power
supply transients by generating a reset.
The reset pin should either be connected to external reset circuitry as proposed or connected to VSS. If connected to VSS,
a reset pulse will be generated by the on-chip Power-on reset circuit at typically 1.3 V (
±500 mV accuracy).
Fig.3 Proposed improved reset circuit.
handbook, full pagewidth
MGE375
390
1 k
68 k
1.8 k
1
µF
1N4148
1N4148
zener diode
3.6 V
BC548
VCC
20
14
SAA3049A
Infrared signal input (pin 9)
This pin is sensitive to a negative-going edge.
Command received indicator (pin 19)
Fig.4 Output diagram of command acknowledge.
handbook, halfpage
MGE376
15 ms
120 ms
signal at
pin 19
APPLICATION INFORMATION
In Fig.5, the circuit shown is for use with transmitters
SAA3004, SAA3007 or SAA3008; pin 11 is HIGH for
RECS80 code.
In Fig.6, the circuit shown is for use with transmitter types
SAA3006 or SAA3010; pin 11 is LOW for RC5 code.
In Fig.7, the decoder is set for the required subaddress by
holding the address pins HIGH or LOW. Pin 11 is HIGH for
use with transmitter types SAA3004, SAA3007 or
SAA3008 (RECS80 code). Pin 11 is LOW for use with
transmitter types SAA3006 or SAA3010 (RC5 code).
The remote control decoder is for up to 32 subaddresses
with 6 + 1-bit parallel outputs (RC5 code).


Similar Part No. - SAA3049AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
SAA3004P PHILIPS-SAA3004P Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
SAA3004T PHILIPS-SAA3004T Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
logo
List of Unclassifed Man...
SAA3006 ETC1-SAA3006 Datasheet
131Kb / 13P
   LOW VOLTAGE INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
NXP Semiconductors
SAA3007 PHILIPS-SAA3007 Datasheet
295Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER (LOW VOLTAGE)
October 1987
More results

Similar Description - SAA3049AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RAA28 ETC1-RAA28 Datasheet
217Kb / 7P
   Infrared I2C remote control decoder
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
   Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
   Infrared Remote Control
8????8
logo
Everlight Electronics C...
IRM-66XXN3S45 EVERLIGHT-IRM-66XXN3S45 Datasheet
1Mb / 6P
   Infrared Remote Control
IRM-36XXL EVERLIGHT-IRM-36XXL Datasheet
337Kb / 10P
   Infrared Remote Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com