Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRK32308CDTR-2 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRK32308CDTR-2
Description  3.3V ZERO DELAY BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK32308CDTR-2 Datasheet(HTML) 4 Page - Exar Corporation

  XRK32308CDTR-2 Datasheet HTML 1Page - Exar Corporation XRK32308CDTR-2 Datasheet HTML 2Page - Exar Corporation XRK32308CDTR-2 Datasheet HTML 3Page - Exar Corporation XRK32308CDTR-2 Datasheet HTML 4Page - Exar Corporation XRK32308CDTR-2 Datasheet HTML 5Page - Exar Corporation XRK32308CDTR-2 Datasheet HTML 6Page - Exar Corporation XRK32308CDTR-2 Datasheet HTML 7Page - Exar Corporation XRK32308CDTR-2 Datasheet HTML 8Page - Exar Corporation XRK32308CDTR-2 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
XRK32308
PRELIMINARY
4
3.3V ZERO DELAY BUFFER
REV. P1.0.3
NOTES:
6.
Applies to both Ref Clock and FB.
TABLE 4: ABSOLUTE MAXIMUM RATINGS
Supply Voltage to Ground Potential
-0.5V to +7.0V
DC Input Voltage (Except Ref)
-0.5V to VDD +0.5V
DC Input Voltage REF
-0.5 to 7V
Storage Temperature
-65
°C to +150°C
Junction Temperature
150
°C
Static Discharge Voltage (per MIL-STD-883, Method 3015)
>2000V
TABLE 5: OPERATING CONDITIONS FOR XRK32308 COMMERCIAL TEMPERATURE DEVICES
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance, below 100MHz
-
30
pF
Load Capacitance, from 100MHz to 120MHz
-
15
pF
CIN
Input Capacitance[6]
-
7
pF
tPU
Power-up time for all VDDs to reach minimum
specified voltage (power ramps must be monotonic)
0.05
50
ms
TABLE 6: ELECTRICAL CHARACTERISTICS FOR XRK32308 COMMERCIAL TEMPERATURE DEVICES
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
MAX
UNIT
VIL
Input Low Voltage
-
0.8
V
VIH
Input High Voltage
2.0
-
V
IIL
Input Low Current
VIN=0V
-
50.0
µA
IIH
Input High Current
VIN=VDD
-
100.0
µA
VOL
Output Low Voltage[7]
IOL= 8mA (-1, -2, -3, -4)
IOL= 12mA (-1H, -5H)
-
0.4
V
VOH
Output High Voltage[7]
IOH= -8mA (-1, -2, -3, -4)
IOH= -12mA (-1H, -5H)
2.4
-
V


Similar Part No. - XRK32308CDTR-2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-1 EXAR-XRK32308-1 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-1H EXAR-XRK32308-1H Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-2 EXAR-XRK32308-2 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-3 EXAR-XRK32308-3 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
More results

Similar Description - XRK32308CDTR-2

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com