Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRK49911CJ-7 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRK49911CJ-7
Description  3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK49911CJ-7 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRK49911CJ-7 Datasheet HTML 4Page - Exar Corporation XRK49911CJ-7 Datasheet HTML 5Page - Exar Corporation XRK49911CJ-7 Datasheet HTML 6Page - Exar Corporation XRK49911CJ-7 Datasheet HTML 7Page - Exar Corporation XRK49911CJ-7 Datasheet HTML 8Page - Exar Corporation XRK49911CJ-7 Datasheet HTML 9Page - Exar Corporation XRK49911CJ-7 Datasheet HTML 10Page - Exar Corporation XRK49911CJ-7 Datasheet HTML 11Page - Exar Corporation XRK49911CJ-7 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
XRK49911
xr
3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
REV. 1.0.1
10
11.
tSKEWPR is defined as the skew between a pair of outputs (Qx0 and Qx1) when all eight outputs are selected for
0tU.
12.
tSKEW0 is defined as the skew between outputs when they are selected for 0tU. Other outputs are divided or
inverted but not shifted
13.
There are three classes of outputs: Nominal (multiple of tU delay), Inverted (QD[1:0] only with SELD0 = SELD1 =
HIGH), and Divided (QC[1:0] and QD[1:0] only in Divide-by-2 or Divide-by-4 mode).
14.
Guaranteed by statistical correlation. Tested initially and after any design or process changes that may affect
these parameters.
15.
tDEV is the output-to-output skew between any two devices operating under the same conditions (VCC ambient
temperature, air flow, etc.)
16.
tODCV is the deviation of the output from a 50% duty cycle. Output pulse width variations are included in tSKEW2
and tSKEW4 specifications.
17.
Specified with outputs loaded with 30pF for the XRK49911-5 and -7 devices. Devices are terminated through 50
to VCC/2. tPWH is measured at 2.0V. tPWL is measured at 0.8V.
18.
tORISE and tOFALL measured between 0.8V and 2.0V.
19.
tLOCK is the time that is required before synchronization is achieved. This specification is valid only after VCC is
stable and within normal operating limits. This parameter is measured from the application of a new signal or
frequency at CLKIN or FB_IN until tPD is within specified limits
FIGURE 6. AC TIMING DIAGRAMS
CLKIN
FB_IN
Qxx output
Other Qxx output
Inverted Qxx output
CLKIN Divided by 2
tREF
tRPWH
tRPWL
tPD
tODCV
tODCV
tJR
tSKEWPR,
tSKEW0, 1
tSKEWPR,
tSKEW0, 1
tSKEW2
tSKEW2
CLKIN Divided by 4
tSKEW3, 4
tSKEW3, 4
tSKEW3, 4
tSKEW1, 3, 4
tSKEW2, 4


Similar Part No. - XRK49911CJ-7

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991ACJ-5 EXAR-XRK4991ACJ-5 Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991ACJ-7 EXAR-XRK4991ACJ-7 Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991AIJ-5 EXAR-XRK4991AIJ-5 Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
More results

Similar Description - XRK49911CJ-7

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Cypress Semiconductor
CY7C9925 CYPRESS-CY7C9925 Datasheet
277Kb / 12P
   3.3V/2.5V Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C39911 PERICOM-PI6C39911 Datasheet
262Kb / 11P
   3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
logo
Cypress Semiconductor
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com