Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRK32308CD-1H Datasheet(PDF) 2 Page - Exar Corporation

Part # XRK32308CD-1H
Description  3.3V ZERO DELAY BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK32308CD-1H Datasheet(HTML) 2 Page - Exar Corporation

  XRK32308CD-1H Datasheet HTML 1Page - Exar Corporation XRK32308CD-1H Datasheet HTML 2Page - Exar Corporation XRK32308CD-1H Datasheet HTML 3Page - Exar Corporation XRK32308CD-1H Datasheet HTML 4Page - Exar Corporation XRK32308CD-1H Datasheet HTML 5Page - Exar Corporation XRK32308CD-1H Datasheet HTML 6Page - Exar Corporation XRK32308CD-1H Datasheet HTML 7Page - Exar Corporation XRK32308CD-1H Datasheet HTML 8Page - Exar Corporation XRK32308CD-1H Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
XRK32308
PRELIMINARY
2
3.3V ZERO DELAY BUFFER
REV. P1.0.3
NOTES:
1.
Weak pull-down.
2.
Weak pull-down on all outputs.
3.
Weak pull-ups on these inputs.
4.
Outputs inverted on XRK32308–2 and XRK32308–3 in bypass mode, S2 = 1 and S1 = 0.
TABLE 1: PIN DESCRIPTION
PIN
SIGNAL
DESCRIPTION
SOIC/TSSOP
QFN
1
15
REF[1]
Input reference frequency
2
16
QA0[2]
Clock output, Bank A
3
1
QA1[2]
Clock output, Bank A
4
2
VDD
3.3V supply
5
3
GND
Ground
6
4
QB0[2]
Clock output, Bank B
7
5
QB1[2]
Clock output, Bank B
8
6
S2[3]
Select input, bit 2
9
7
S1[3]
Select input, bit 1
10
8
QB2[2]
Clock output, Bank B
11
9
QB3[2]
Clock output, Bank B
12
10
GND
Ground
13
11
VDD
3.3V supply
14
12
QA2[2]
Clock output, Bank A
15
13
QA3[2]
Clock output, Bank A
16
14
FB
PLL feedback input
TABLE 2: SELECT INPUT DECODING
S2
S1
QA0-QA3
QB0-QB3
OUTPUT SOURCE
0
0
Three-State
Three-State
PLL
0
1
Driven
Three-State
PLL
1
0
Driven[4]
Driven[4]
Reference
1
1
Driven
Driven
PLL


Similar Part No. - XRK32308CD-1H

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-1 EXAR-XRK32308-1 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-1H EXAR-XRK32308-1H Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-2 EXAR-XRK32308-2 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308-3 EXAR-XRK32308-3 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
More results

Similar Description - XRK32308CD-1H

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com