Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM78L15T92T Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM78L15T92T
Description  POSITIVE VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM78L15T92T Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM78L15T92T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 11Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 12Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 13Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
TYPICAL PERFORMANCE CHARACTERISTICS
8.0
6.0
4.0
2.0
0
0
2.0
4.0
6.0
8.0
10
V INPUT VOLTAGE(V)
,
I
Figure 1. Dropout Characteristics
GM78L05
V
= 5.0V
OUT
T = 25°C
J
2.5
2.0
1.5
1.0
0.5
0
0
25
50
75
100
125
T JUNCTION TEMPERATURE (°C)
J,
Figure 2. Dropout Voltage versus
Junction Temperature
5.0
4.0
3.0
2.0
1.0
0
0
5.0
10
15
20
25
30
35
40
V , INPUT VOLTAGE(V)
I
Figure 3. Input Bias Current versus
Input Voltage
I =70mA
O
I =1.0mA
O
I =40mA
O
Dropout of Regulation is
defined as when
V =2% Of V
OO
GM78L05
V
=5.0V
OUT
I =40mA
O
T =25°C
J
10,000
1000
100
10
25
50
75
100
125
150
T , AMBIENT TEMPERATURE(°C)
A
R
=200°C/W
JA
P (max) to 25°C=625mW
D
Figure 4. Maximum Average Power Dissipation
versus Ambient Temperature-TO-92
Type Package
I =1.0mA
O
I =40mA
O
I =100mA
O
No Heatsink
35,000
30,000
25,000
20,000
15,000
10,000
5,000
0
T , AMBIENT TEMPERATURE(°C)
A
Figure 5. Maximum Average Power Dissipation
versus Ambient Temperature SOT-89
Type Package
No Heatsink


Similar Part No. - GM78L15T92T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L15-S8 ETC1-GM78L15-S8 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
GM78L15-ST89 ETC1-GM78L15-ST89 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
GM78L15-T92 ETC1-GM78L15-T92 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
More results

Similar Description - GM78L15T92T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com