Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM78L15T92T Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM78L15T92T
Description  POSITIVE VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM78L15T92T Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM78L15T92T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM78L15T92T Datasheet HTML 11Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
ELECTRICAL CHARACTERISTICS at specified Junction Temperature
GM78L15: V = 23V, I = 40mA, (unless otherwise noted)
IO
CHARACTERISTICS
TEST CONDITIONS *
MIN
TYP
MAX
UNIT
Output Voltage **
14.4
15
65
25
39
82
1.7
15.6
300
150
6.0
0.1
14.25
15
58
15
15.75
250
75
I = 1mA to 40mA
O
V =17.5V to 30V
I
V =17.5V to30V
I
I = 1mA to 70mA
O
I =1mA to 100mA
O
V =18.5V to 28.5V, f = 120Hz
I
f = 10Hz to 100kHz
25°C
25°C
25°C
0°C to 125°C
V
mV
mV
dB
Input Regulation
Output Regulation
Bias Current
Bias Current
V =19V to 30V
I
I =1mA to 40mA
O
Ripple Rejection
Output Resistance
Dropout Voltage
0°C to 1
°C
25
25°C
25°C
34
4.6
6.5
1.5
125°C
*Pulse testing tehniques are used to maintain the junction temperature as close to the ambient temperature as possible.
Thermal effects must be taken into account.
** The specification applies only for DC power dissipation permitted by absolute maximum ratings
µV
V
25°C
mA
mA
V =14V to 25V
I
I =1mA to 40mA
O
0°C to 125°C
14.25
15
15.75
GM78L18: V = 26V, I = 40mA, (unless otherwise noted)
IO
CHARACTERISTICS
TEST CONDITIONS *
MIN
TYP
MAX
UNIT
Output Voltage **
17.3
18
70
27
36
89
1.7
18.7
360
180
6.0
0.1
17.1
18
64
19
18.9
300
90
I = 1mA to 40mA
O
V =20.5V to 33V
I
V =20.5V to 33V
I
I = 1mA to 70mA
O
I =1mA to 100mA
O
V =21.5V to 31.5V, f = 120Hz
I
f = 10Hz to 100kHz
25°C
25°C
25°C
0°C to 125°C
V
mV
mV
dB
Input Regulation
Output Regulation
Bias Current
Bias Current
V =22V to 33V
I
I =1mA to 40mA
O
Ripple Rejection
Output Resistance
Dropout Voltage
25°C
25°C
25°C
32
4.7
6.5
1.5
125°C
µV
V
25°C
mA
mA
V =22V to 33V
I
I =1mA to 40mA
O
0°C to 125°C
17.1
18
18.9


Similar Part No. - GM78L15T92T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L15-S8 ETC1-GM78L15-S8 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
GM78L15-ST89 ETC1-GM78L15-ST89 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
GM78L15-T92 ETC1-GM78L15-T92 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
More results

Similar Description - GM78L15T92T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com