Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM11171.5TC3R Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM11171.5TC3R
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM11171.5TC3R Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM11171.5TC3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM11171.5TC3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM11171.5TC3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM11171.5TC3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM11171.5TC3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM11171.5TC3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM11171.5TC3R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM11171.5TC3R Datasheet HTML 11Page - Gamma Microelectronics Inc. GM11171.5TC3R Datasheet HTML 12Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
The thermal characteristics of an IC depend four fac-
tors:
1. Maximum Ambient Temperature T (°C)
A
2. Power Dissipation P (Watts)
D
3. Maximum Junction Temperature T (°C)
J
4. Thermal Resistance Junction to ambient R
JA
Q
(°C/W)
The relationship of these four factors is expressed by
equation (1):
Maximum ambient temperature and power dissipa-
tion are determined by the design while the maximum
junction temperature and thermal resistance depend
on the manufacturer and the package type.
The maximum power dissipation for a regulator is ex-
pressed by equation (2):
where:
V
is the maximum input voltage,
IN(max)
V
is the minimum output voltage,
OUT(min)
I
is the maximum output current
OUT(max)
I is the maximum quiescent current at I
.
Q
OUT(max)
A heat sink effectively increases the surface area of
the package to improve the flow of heat away from
the IC into the air. Each material in the heat flow path
between the IC and the environment has a thermal re-
sistance. Like series electrical resistances, these re-
sistance are summed to determine R
, the total
QJA
thermal resistance between the junction and the air.
This is expressed by equation (3):
Where all of the following are in °C/W:
R
is thermal resistance of junction to case,
QJC
R
is thermal resistance of case to heat sink,
QCS
R
is thermal resistance of heat sink to ambient air
QSA
The value for R
is calculated using equation (3)
QJA
and the result can be substituted in equation (1). The
value for R
is 3.5°C/W for a given package type
QJC
based on an average die size. For a high current reg-
ulator such as the GM1117 the majority of the heat is
generated in the power transistor section.
T = T + P X R
........
JAD
JA
(1)
Q
P
= { V
- V
} I
+ V
I
)
D(max)
IN(max)
OUT(min)
OUT(max
IN(max) Q ........(2)
R
= R
+ R
+ R
JA
JC
CS
SA ........(3)
QQQQ
A
A
MICROELECTRONICS
GM1117
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Power Management


Similar Part No. - GM11171.5TC3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM1117 GAMMA-GM1117 Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5ST3R GAMMA-GM1117-1.5ST3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5ST3T GAMMA-GM1117-1.5ST3T Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5TA3R GAMMA-GM1117-1.5TA3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results

Similar Description - GM11171.5TC3R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com