Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA3004T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA3004T
Description  Remote control transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA3004T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA3004T Datasheet HTML 3Page - NXP Semiconductors SAA3004T Datasheet HTML 4Page - NXP Semiconductors SAA3004T Datasheet HTML 5Page - NXP Semiconductors SAA3004T Datasheet HTML 6Page - NXP Semiconductors SAA3004T Datasheet HTML 7Page - NXP Semiconductors SAA3004T Datasheet HTML 8Page - NXP Semiconductors SAA3004T Datasheet HTML 9Page - NXP Semiconductors SAA3004T Datasheet HTML 10Page - NXP Semiconductors SAA3004T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
August 1982
7
Philips Semiconductors
Product specification
Remote control transmitter
SAA3004
Table 1
Pulse train/timing
Table 2
Pulse train separation (tb)
mode
TO
ms
tp
µs
tM
µs
tML
µs
tMH
µs
tW
ms
flashed
2,53
8,8
−−−
121
modulated
2,53
26,4
17,6
8,8
121
fOSC
455 kHz
tOSC = 2,2 µs
tP
4
× tOSC
flashed pulse width
tM
12
× tOSC
modulation period
tML
8
× tOSC
modulation period LOW
tMH
4
× tOSC
modulation period HIGH
TO
1152
× tOSC
basic unit of pulse distance
tW
55 296
× tOSC
word distance
code
tb
logic “0”
2
× To
logic “1”
3
× To
reference time
3
× To
toggle bit time
2
× To or 3 × To


Similar Part No. - SAA3004T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA3006 ETC1-SAA3006 Datasheet
131Kb / 13P
   LOW VOLTAGE INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
NXP Semiconductors
SAA3007 PHILIPS-SAA3007 Datasheet
295Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER (LOW VOLTAGE)
October 1987
SAA3007P PHILIPS-SAA3007P Datasheet
295Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER (LOW VOLTAGE)
October 1987
SAA3007T PHILIPS-SAA3007T Datasheet
295Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER (LOW VOLTAGE)
October 1987
SAA3008 PHILIPS-SAA3008 Datasheet
110Kb / 17P
   Infrared remote control transmitter RECS 80 low voltage
December 1988
More results

Similar Description - SAA3004T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
   Remote Control Transmitter
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
   REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2243 PTC-PT2243 Datasheet
344Kb / 3P
   Remote Control Transmitter
logo
STMicroelectronics
M3004LAB1 STMICROELECTRONICS-M3004LAB1 Datasheet
105Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
   REMOTE CONTROL TRANSMITTER
M3004LD STMICROELECTRONICS-M3004LD Datasheet
336Kb / 14P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com