Part Name
         Description
XRK32308_07

 3.3V ZERO DELAY BUFFER ( 16 Page)


EXAR
100% 
Zoom Out Zoom In
 
 5 page
background image
PRELIMINARY
XRK32308
5
REV. P1.0.3
3.3V ZERO DELAY BUFFER
NOTES:
7.
Parameter is guaranteed by design and characterization. Not 100% tested in production.
IDD
Supply Current
Unloaded outputs, 100-MHz REF,
Select inputs at VDD or GND
-
45.0
mA
-
70
(-1H, -5H)
mA
Unloaded outputs, 66-MHz REF
(-1, -2, -3, -4)
-
32.0
mA
Unloaded outputs, 33-MHz REF
(-1, -2, -3, -4)
-
18.0
mA
TABLE 7: SWITCHING CHARACTERISTICS FOR XRK32308 COMMERCIAL TEMPERATURE DEVICES[8]
PARAMETER
NAME
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
Output Frequency
30-pF load, All devices
10
-
100
MHz
20-pF load, -1H, -5H devices[9]
10
-
120
MHz
15-pF load, -1, -2, -3, -4 devices
10
-
120
MHz
DC
Duty Cycle[7] = t2 รท t1
(-1, -2, -3, -4, -1H, -5H)
Measured at 1.4V, FOUT=66.66MHz
30-pF load
40.0
50.0
60.0
%
Measured at 1.4V, FOUT<50.0MHz
15-pF load
45.0
50.0
55.0
%
t3
Rise Time[7]
(-1, -2, -3, -4)
Measured between 0.8V and 2.0V,
30-pF load
-
-
2.20
ns
Measured between 0.8V and 2.0V,
15-pF load
-
-
1.50
ns
Rise Time[7]
(-1H, -5H)
Measured between 0.8V and 2.0V,
30-pF load
-
-
1.50
ns
t4
Fall Time[7]
(-1, -2, -3, -4)
Measured between 0.8V and 2.0V,
30-pF load
-
-
2.20
ns
Measured between 0.8V and 2.0V,
15-pF load
-
-
1.50
ns
Fall Time[7]
(-1H, -5H)
Measured between 0.8V and 2.0V,
30-pF load
-
-
1.25
ns
TABLE 6: ELECTRICAL CHARACTERISTICS FOR XRK32308 COMMERCIAL TEMPERATURE DEVICES
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
MAX
UNIT



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDTCSP2510D3.3V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
XRK39653_06113.3V 8-OUTPUT ZERO DELAY BUFFER 1 2 3 4 5 MoreExar Corporation
SY89538L_063.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer with Zero Delay 1 2 3 4 5 MoreMicrel Semiconductor
W83176R-735_06DIMM DDR ZERO DELAY BUFFER 1 2 3 4 5 MoreWinbond
NB2304A3.3 V Zero Delay Clock Buffer 1 2 3 4 5 MoreON Semiconductor
NB2305A3.3 V Zero Delay Clock Buffer 1 2 3 4 5 MoreON Semiconductor
NB2308A3.3 V Zero Delay Clock Buffer 1 2 3 4 5 MoreON Semiconductor
NB2309A3.3 V Zero Delay Clock Buffer 1 2 3 4 5 MoreON Semiconductor
MC100LVE310_063.3V ECL 2:8 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
NB6L16_072.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/ Driver/Translator Buffer 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl