Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7827-TA3T Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM7827-TA3T
Description  POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7827-TA3T Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM7827-TA3T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7827-TA3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7827-TA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7827-TA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7827-TA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7827-TA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7827-TA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7827-TA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7827-TA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
ELECTRICAL CHARACTERISTICS at specified Junction Temperature
GM7805: V = 10V, I = 500mA, (unless otherwise noted)
IO
CHARACTERISTICS
TEST CONDITIONS *
MIN
TYP
MAX
UNIT
Output Voltage **
4.8
5.0
3
15
78
0.017
750
2.2
-1.1
5.2
100
100
1.3
4.75
5.0
1
5
5.25
50
50
0.5
I = 5mA to 1A
O
V =7V to 20V, P
15W
I
V =7V to 25V
I
I =5mA to 1.5A
O
V = 7V to 25V
I
V =8V to 18V, f = 120Hz
I
f = 1kHz
I = 5mA
O
25°C
25°C
25°C
0°C to 125°C
V
mV
mV
mA
dB
W
Input Regulation
Output Regulation
Bias Current Change
V =8V to 12V
I
I =250mA to 750mA
O
I =5mA to 1A
O
Ripple Rejection
Output Resistance
Short-Circuit Output Current
Peak Output Current
Temperature Coefficient
Output Voltage
0°C to 125°C
0°C to 125°C
25°C
25°C
0°C to 125°C
62
mV/°C
40
2.0
4.2
f = 10Hz to 100kHz
µV
V
mA
Output Noise Voltage
Dropout Voltage
Bias Current
25°C
25°C
25°C
I = 1A
O
8
0°C to 125°C
mA
A
*Pulse testing tehniques are used to maintain the junction temperature as close to the ambient temperature as possible.
Thermal effects must be taken into account.
** The specification applies only for DC power dissipation permitted by absolute maximum ratings
GM7806: V = 11V, I = 500mA, (unless otherwise noted)
IO
CHARACTERISTICS
TEST CONDITIONS *
MIN
TYP
MAX
UNIT
Output Voltage **
5.75
6
5
14
75
0.019
550
2.2
-0.8
6.25
120
120
1.3
5.7
6
1.5
4
6.3
60
60
0.5
I = 5mA to 1A
O
V =8V to 21V, P
15W
I
V =8V to 25V
I
I =5mA to 1.5A
O
V = 8V to 25V
I
V =9V to 19V, f = 120Hz
I
f = 1kHz
I = 5mA
O
25°C
25°C
25°C
0°C to 125°C
V
mV
mV
mA
dB
W
Input Regulation
Output Regulation
Bias Current Change
V =9V to 13V
I
I =250mA to 750mA
O
I =5mA to 1A
O
Ripple Rejection
Output Resistance
Short-Circuit Output Current
Peak Output Current
Temperature Coefficient
Output Voltage
0°C to 125°C
0°C to 125°C
25°C
25°C
0°C to 125°C
59
mV/°C
45
2.0
4.3
f = 10Hz to 100kHz
µV
V
mA
Output Noise Voltage
Dropout Voltage
Bias Current
25°C
25°C
25°C
I = 1A
O
8
0°C to 125°C
mA
A


Similar Part No. - GM7827-TA3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7800 GAMMA-GM7800 Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM7800TA3R GAMMA-GM7800TA3R Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
GM7800TA3RG GAMMA-GM7800TA3RG Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
GM7800TA3T GAMMA-GM7800TA3T Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
GM7800TA3TG GAMMA-GM7800TA3TG Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM7827-TA3T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com