Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM11173.0TA3R Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM11173.0TA3R
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM11173.0TA3R Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM11173.0TA3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM11173.0TA3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM11173.0TA3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM11173.0TA3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM11173.0TA3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM11173.0TA3R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM11173.0TA3R Datasheet HTML 11Page - Gamma Microelectronics Inc. GM11173.0TA3R Datasheet HTML 12Page - Gamma Microelectronics Inc. GM11173.0TA3R Datasheet HTML 13Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Typical Performance Characteristics
1.00
0.95
0.90
0.85
0.80
0.75
0
200
400
600
800
1000
I
(mA)
OUT
Figure 3. Dropout Voltage vs. Output Current
0.10
0.08
0.06
0.04
0.02
0.00
-0.02
-0.04
-0.06
-0.08
-0.10
-0.12
0
10 20 30 40 50 60 70 80 90 100 110 120 130
T (°C)
J
Figure 4. Reference Voltage vs. Temperature
70
65
60
55
50
45
40
0 10
20 30 40 50 60 70 80 90 100 110 120 130
Temperature (°C)
85
75
65
55
45
35
25
15
1
10
2
3
4
5
6
10
10
10
10
10
Frequency(Hz)
Figure 5. Adjust Pin Current vs. Temperature
Figure 6. Ripple Rejection vs. Frequency
300
200
100
0
-100
-200
1000
500
0
0
1
2
3
4
5
6
7
8
9
10
Time(µS)
Figure 7. Transient Response
3.5
3.3
3.1
2.9
2.7
2.5
2.3
2.1
1.9
1.7
1.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
- V
IN
OUT(V)
Figure 8. Short Circuit Current vs. V -V
IN
OUT
T
= 0°C
CASE
T
= 25°C
CASE
T
= 125°C
CASE
I = 10mA
O
V
= 3.3V
OUT
C
= C = 22µF Tantalum
OUT
IN
C
=0.1µF
Adj
T
= 25°C
CASE
I
= 1.0A
OUT
(V
- V
) = 3.0V
IN
OUT
V
= 1.0VP-P
RIPPLE
C
=0.1µF
adj
9
A
A
MICROELECTRONICS
GM1117
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Power Management


Similar Part No. - GM11173.0TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM1117 GAMMA-GM1117 Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5ST3R GAMMA-GM1117-1.5ST3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5ST3T GAMMA-GM1117-1.5ST3T Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5TA3R GAMMA-GM1117-1.5TA3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results

Similar Description - GM11173.0TA3R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com