Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM788.5-TA3T Datasheet(PDF) 10 Page - Gamma Microelectronics Inc.

Part # GM788.5-TA3T
Description  POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM788.5-TA3T Datasheet(HTML) 10 Page - Gamma Microelectronics Inc.

Back Button GM788.5-TA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM788.5-TA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM788.5-TA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM788.5-TA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM788.5-TA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM788.5-TA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM788.5-TA3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM788.5-TA3T Datasheet HTML 11Page - Gamma Microelectronics Inc. GM788.5-TA3T Datasheet HTML 12Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
TO-220 PACKAGE OUTLINE DIMENSIONS
TO-263-2 PACKAGE OUTLINE DIMENSIONS
Pad Layout
9.90 ± 0.20
15°
0.40
1.50 DP0.20
9.20 ± 0.20
4.90 ± 0.20
15.3 ± 0.20
1.27 ± 0.10
0.90 ± 0.10
2.54 TYP
(2.54 ± 0.20)
1.4 ± 0.20
4.50 ± 0.20
1.30
+0.1
-0.05
0.10 ± 0.01
2.40 ± 0.20
2.00 ± 0.10
R0.30
R0.30
2.54 ± 0.10
0.50
+0.1
-0.05
4.0
7.0
10.0 ± 0.20
0.40
0.90
7.2
9.20 ± 0.20
4.90 ± 0.20
Unit: mm
10.00 ± 0.20
0.33
8.38
0.63
17.02
0.12
3.05
0.04
1.016
0.24
6.096
0.42
10.66
Inches
mm
(
)
1.20
R 0.45
0.75
R 0.3
9.90 ± 0.20
3.60 ± 0.20
1.50 DP0.20
3.70 ± 0.20
1.30
2.80 ± 0.10
1.52 ± 0.10
0.80 ± 0.10
2.54 TYP
(2.54 ± 0.20)
0.50
2.40 ± 0.20
Unit: mm
1.30 ± 0.10
4.50 ± 0.20
8.70
1.70
4.60
1.46
1.00
3.00
45°
+0.1
-0.05
+0.1
-0.05
8.0
7.0
7.0
0.9
3-R0.2
10.00 ± 0.20
8.40
1.27 ± 0.10
2 - R 0.3


Similar Part No. - GM788.5-TA3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7800 GAMMA-GM7800 Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM7800TA3R GAMMA-GM7800TA3R Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
GM7800TA3RG GAMMA-GM7800TA3RG Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
GM7800TA3T GAMMA-GM7800TA3T Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
GM7800TA3TG GAMMA-GM7800TA3TG Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM788.5-TA3T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com