Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM5511C2.7ST89R Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM5511C2.7ST89R
Description  STANDARD VOLTAGE DETECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM5511C2.7ST89R Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM5511C2.7ST89R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM5511C2.7ST89R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM5511C2.7ST89R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM5511C2.7ST89R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM5511C2.7ST89R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM5511C2.7ST89R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM5511C2.7ST89R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM5511C2.7ST89R Datasheet HTML 11Page - Gamma Microelectronics Inc. GM5511C2.7ST89R Datasheet HTML 12Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ORDERING NUMBER
GM 5511
/ 5511
C
N 1.8 ST23 R
Gamma Micro.
Circuit Type
Package
ST23: SOT-23
ST89: SOT-89
Shipping
R: Tape & Reel
Output Voltage
1.0: 1.0V, 1.8: 1.8V
2.0: 2.0V, 2.7: 2.7V
3.0: 3.0V, 3.0: 3.0V
3.6: 3.6V,4.0: 4.0V,
4.1: 4.1V,4.2: 4.2V
CMOS
N-ch Open Drain


Similar Part No. - GM5511C2.7ST89R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5510 GAMMA-GM5510 Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510C-1.8ST23R GAMMA-GM5510C-1.8ST23R Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
GM5510C-1.8ST23R GAMMA-GM5510C-1.8ST23R Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
GM5510C-1.8ST23RG GAMMA-GM5510C-1.8ST23RG Datasheet
183Kb / 15P
   STANDARD VOLTAGE DETECTOR
More results

Similar Description - GM5511C2.7ST89R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Gamma Microelectronics ...
GM5510 GAMMA-GM5510 Datasheet
302Kb / 12P
   STANDARD VOLTAGE DETECTORS
logo
Torex Semiconductor
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com