Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM11173.0ST3R Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM11173.0ST3R
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM11173.0ST3R Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM11173.0ST3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM11173.0ST3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM11173.0ST3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM11173.0ST3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM11173.0ST3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM11173.0ST3R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM11173.0ST3R Datasheet HTML 11Page - Gamma Microelectronics Inc. GM11173.0ST3R Datasheet HTML 12Page - Gamma Microelectronics Inc. GM11173.0ST3R Datasheet HTML 13Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
TO-220 PACKAGE OUTLINE DIMENSIONS
9.90 ± 0.20
3.60 ± 0.20
1.50 DP0.20
3.70 ± 0.20
1.30
2.80 ± 0.10
1.52 ± 0.10
0.80 ± 0.10
2.54 TYP
(2.54 ± 0.20)
0.50
2.40 ± 0.20
Unit: mm
1.30 ± 0.10
4.50 ± 0.20
8.70
1.70
4.60
1.46
1.00
3.00
45°
+0.1
-0.05
+0.1
-0.05
8.0
7.0
7.0
0.9
3-R0.2
10.00 ± 0.20
8.40
1.27 ± 0.10
2 - R 0.3
Pad Layout
0.33
8.38
0.63
17.02
0.12
3.05
0.04
1.016
0.24
6.096
0.42
10.66
Inches
mm
(
)
A
A
MICROELECTRONICS
GM1117
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
TO-263-2 PACKAGE OUTLINE DIMENSIONS
9.90 ± 0.20
15°
0.40
1.50 DP0.20
9.20 ± 0.20
4.90 ± 0.20
15.3 ± 0.20
1.27 ± 0.10
0.90 ± 0.10
2.54 TYP
(2.54 ± 0.20)
1.4 ± 0.20
4.50 ± 0.20
1.30
+0.1
-0.05
0.10 ± 0.01
2.40 ± 0.20
2.00 ± 0.10
R0.30
R0.30
2.54 ± 0.10
0.50
+0.1
-0.05
4.0
7.0
10.0 ± 0.20
0.40
0.90
7.2
9.20 ± 0.20
4.90 ± 0.20
Unit: mm
10.00 ± 0.20
1.20
R 0.45
0.75
R 0.3
Power Management


Similar Part No. - GM11173.0ST3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM1117 GAMMA-GM1117 Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5ST3R GAMMA-GM1117-1.5ST3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5ST3T GAMMA-GM1117-1.5ST3T Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
GM1117-1.5TA3R GAMMA-GM1117-1.5TA3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results

Similar Description - GM11173.0ST3R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com