Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM663012.5TB3R Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM663012.5TB3R
Description  3A ULTRA LOW-DROPOUT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM663012.5TB3R Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM663012.5TB3R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM663012.5TB3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM663012.5TB3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM663012.5TB3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM663012.5TB3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM663012.5TB3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM663012.5TB3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM663012.5TB3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM663012.5TB3R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
ELECTRICAL CHARACTERISTICS
T = 25°C, bold values indicate -40°C
T
+125°C; unless noted
JJ
Parameter
Conditions
Min
Typ
Max
Unit
Line Regulation
Load Regulation
Output Voltage change with
Temperature Coef. Note 5
Dropout Voltage Note 6 & 9
Ground Current Note 7
Dropout Ground Pin Current
Current Limit
Output Voltage
I
= 10 mA
O
I
= 100mA, DV
= -1%
OUT
OUT
I
= 750mA, DV
= -1%
OUT
OUT
I
= 1.5A, DV
= -1%
OUT
OUT
I
= 3A, DV
= -1%
OUT
OUT
I
= 750mA, V
= V
+ 1V
OUT
IN
OUT
I
= 1.5A,
OUT
V
= V
+ 1V
IN
OUT
I
= 3A, V
= V
+ 1V
OUT
IN
OUT
-1
-2
0.06
0.20
65
185
250
385
10
17
45
6
4.5
1
2
0.5
1.0
%
%
%
ppm/°C
mV
mA
A
%
V
= 0V,
OUT
V
= V
+ 1V
IN
OUT
mA
Enable Input Voltage
Enable Input Current
V
µA
Enable Input (Gm66301)
2.5
0.8
10mA
I
3A, V
+ 1V V
8V
OUT
OUT
IN
I
= 10mA,
OUT
V
+ 1V V
8V
OUT
IN
V
= V
+ 1V, 10mA
I
3A
IN
OUT
OUT
V
IN
V
-0.5V, I
=10mA
OUT(nominal)
OUT
Logic Low (off)
V
= 2.5V
EN
Logic high (on)
V
= 0.8V
EN
V
30
75
2
4
15
Shutdown Output Current
10
µA
µA
Flag Output (GM66301)
Output Leakage Current
Output Low Voltage
Low Threshold
High Threshold
Hysteresis
0.01
220
1
µA
mV
%
%
%
V
= 16V
OH
V
= 2.5V, I
= 250µA
IN
OL
Note 9
% of V
OUT
1
2
300
400
99.2
% of V
OUT
93
Note 1. Exceeding the absolute maximum ratings may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handing precautions recommended.
Note 4. P
=(T
-T ) ÷ q
, where q
depends upon the printed circuit layout. See "Applications Information".
D(max)
J(max)
A
JA
JA
Note 5. Output voltage temperature coefficient is DV
÷ (T
- T
) where T
is +125°C and T
is -40°C.
OUT(worst case)
J(max)
J(min)
J(max)
J(min)
Note 6. V
=V
-V
when V
decreases to 99% of its nominal output voltage with V
=V
+1V. For voltages below 2.5V,
DO
IN
OUT
OUT
IN
OUT
dropout voltage is the input-to-output voltage differential with the minimum input voltage being 2.5V. Minimum input
operating voltage is 2.25V.
Note 7. I
is the quiescent current. I
= I
+ I
GND
IN
GND
OUT
Note 8. V
0.8V, V
8V, and V
= 0V
EN
IN
OUT
Note 9. For a 1.8V device, V
= 2.5V.
IN
DV/ DT
OUT
20
100
20
(Note 8)
200
550
20


Similar Part No. - GM663012.5TB3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66301-1.8TA5R GAMMA-GM66301-1.8TA5R Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66301-1.8TA5RG GAMMA-GM66301-1.8TA5RG Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66301-1.8TA5T GAMMA-GM66301-1.8TA5T Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66301-1.8TA5TG GAMMA-GM66301-1.8TA5TG Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66301-1.8TB5T GAMMA-GM66301-1.8TB5T Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM663012.5TB3R

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
RT9018C RICHTEK-RT9018C Datasheet
208Kb / 13P
   Maximum 3A, Ultra Low Dropout Regulator
September 2021
logo
Alpha & Omega Semicondu...
AOZ2003 AOSMD-AOZ2003 Datasheet
1Mb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7963 EUTECH-EUP7963 Datasheet
258Kb / 13P
   3A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8973 A-POWER-APE8973_14 Datasheet
354Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_16 Datasheet
115Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com