Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRK4993 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRK4993
Description  3.3V PROGRAMMABLE SKEW CLOCK BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRK4993 Datasheet(HTML) 2 Page - Exar Corporation

  XRK4993 Datasheet HTML 1Page - Exar Corporation XRK4993 Datasheet HTML 2Page - Exar Corporation XRK4993 Datasheet HTML 3Page - Exar Corporation XRK4993 Datasheet HTML 4Page - Exar Corporation XRK4993 Datasheet HTML 5Page - Exar Corporation XRK4993 Datasheet HTML 6Page - Exar Corporation XRK4993 Datasheet HTML 7Page - Exar Corporation XRK4993 Datasheet HTML 8Page - Exar Corporation XRK4993 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
XRK4993
2
3.3V PROGRAMMABLE SKEW CLOCK BUFFER
REV. 1.0.0
PRODUCT ORDERING INFORMATION
PRODUCT NUMBER
ACCURACY
OPERATING TEMPERATURE RANGE
XRK4993IR-2
250 ps
-40°C to +85°C
XRK4993CR-2
250 ps
0°C to +70°C
XRK4993IR-5
500 ps
-40°C to +85°C
XRK4993CR-5
500 ps
0°C to +70°C
XRK4993IR-7
750 ps
-40°C to +85°C
XRK4993CR-7
750 ps
0°C to +70°C
FIGURE 2. PIN OUT OF THE XRK4993
TABLE 1: FREQUENCY RANGE SELECT AND tU CALCULATION
[1]
fNOM (MHZ)
tU = 1 / (fNOM X N)
APPROXIMATE
FREQUENCY (MHZ) AT
WHICH
tU = 1.0ns
FSEL[2,3]
MIN
MAX
WHERE
N =
LOW
15
35
44
22.7
MID
25
60
26
38.5
HIGH
40
85
16
62.5
GND
PLL_BYPASS
SELB1
SELB0
OE
SELA1
SELA0
V
CCN
QA0
QA1
GND
GND
QB0
QB1
CLKIN
VCCQ
FSEL
SELC0
SELC1
PE
V
CCN
QD1
QD0
GND
QC1
QC0
V
CCN
FB_IN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
QSOP
Top View


Similar Part No. - XRK4993

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911 EXAR-XRK49911 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911CJ-2 EXAR-XRK49911CJ-2 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911CJ-5 EXAR-XRK49911CJ-5 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911CJ-7 EXAR-XRK49911CJ-7 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
More results

Similar Description - XRK4993

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7C9925 CYPRESS-CY7C9925 Datasheet
277Kb / 12P
   3.3V/2.5V Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com