Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMR40H150C Datasheet(PDF) 2 Page - Gamma Microelectronics Inc.

Part # GMR40H150C
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMR40H150C Datasheet(HTML) 2 Page - Gamma Microelectronics Inc.

  GMR40H150C Datasheet HTML 1Page - Gamma Microelectronics Inc. GMR40H150C Datasheet HTML 2Page - Gamma Microelectronics Inc. GMR40H150C Datasheet HTML 3Page - Gamma Microelectronics Inc. GMR40H150C Datasheet HTML 4Page - Gamma Microelectronics Inc. GMR40H150C Datasheet HTML 5Page - Gamma Microelectronics Inc. GMR40H150C Datasheet HTML 6Page - Gamma Microelectronics Inc. GMR40H150C Datasheet HTML 7Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TO - 3P
A
: Assembly Location
Y
: Year
WW : Weekly
Ordering Number
Package
Shipping
GMR40H150CTP3T
GMR40H150CTB3T
GMR40H150CTPF3T
GMR40H150CTBF3T
TO - 3P
TO - 220AB
TO - 3PF
TO - 220FPAB
30 Unit/ Tube
50 Unit/ Tube
30 Unit/ Tube
50 Unit/ Tube
2
MARKING INFORMATION
ORDERING INFORMATION
40H150C
AYW W
* For detail Ordering Number identification, please see last page.
TO - 220AB
40H150C
AYW W
ABSOLUTE RATINGS (T = 25°C)
C
Symbol
Parameter
Value
Unit
VRRM
IF(AV)
IFSM
Repetitive peak reverse voltage
per diode
per device
Peak forward surge current 8.3ms single half sine-wave superimposed
on rated load per leg. (Non-Repetitive)
Operating junction temperature and storage temperature
150
20
40
-45 to + 150
V
A
A
°C
T,j Tstg
Maximum average forward rectified current
350
A
A
MICROELECTRONICS
GMR40H150C
Power Discrete
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER


Similar Part No. - GMR40H150C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMR40H100C ETC1-GMR40H100C Datasheet
326Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR40H100C GAMMA-GMR40H100C Datasheet
153Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR40H100CTA3R ETC1-GMR40H100CTA3R Datasheet
326Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR40H100CTA3T ETC1-GMR40H100CTA3T Datasheet
326Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR40H100CTB3R ETC1-GMR40H100CTB3R Datasheet
326Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results

Similar Description - GMR40H150C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com