Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM665003.3TB3R Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM665003.3TB3R
Description  5A ULTRA LOW - DROPOUT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM665003.3TB3R Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM665003.3TB3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM665003.3TB3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM665003.3TB3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM665003.3TB3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM665003.3TB3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM665003.3TB3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM665003.3TB3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM665003.3TB3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM665003.3TB3R Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
APPLICATION INFORMATION
The GM66500 series is a high-performance low-
dropout voltage regulator, suitable for moderate to
high-current voltage regulator applications. Its 400mV
dropout voltage at full load makes it especially valuable
in battery-powered systems and as a high-efficiency
noise filter in post-regulator applications.
Unlike older NPN-pass transistor designs, where the
minimum dropout voltage is limited by the base-to-
emitter voltage drop and collector-to-emitter saturation
voltage, dropout performance of the PNP output of
these devices is limited only by the low V
saturation
CE
Voltage.
The GM66500 series regulator is fully protected from
damage due to fault conditions. Current limiting is
provided. This limiting is linear, output current during
overload conditions is constant. Thermal shutdown
disables the device when the die temperature exceeds
the maximum safe operating temperature. Transient
protection allows device (and load) survival even when
the input voltage spikes above and below nominal. The
output structure of these regulators allows voltages in
excess of the desired output voltage to be applied
without reverse current flow.
Thermal Design
Linear regulators are simple to use. The most
complicated design parameters to consider are thermal
characteristics.
Thermal design requires four application-specific
parameters:
Maximum ambient temperature (T )
A
Output Current (I
)
OUT
Output Voltage (V
)
OUT
Input Voltage (V )
IN
Ground Current (I
)
GND
Figure 10. Capacitor Requirements
Calculate the power dissipation of the regulator from
these numbers and the device parameters from this
datasheet, where the ground current is taken from
data sheet
The heat sink thermal resistance is determined by:
where T
125°C and q
is between 0°C and
J(max)
CS
2°C/W.
The heat sink may be significantly reduced in
applications where the minimum input voltage is
known and is large compared with the dropout
voltage. Use a series input resistor to drop
excessive voltage, and distribute the heat between
this resistor and the regulator. The low dropout
properties of Super beta PNP regulators allow
significant reductions in regulator power dissipation
and the associated heat sink without compromising
performance. When this technique is employed, a
capacitor of at least 1.0µF is needed directly
between the input and regulator ground.
Output Capacitor
The GM66500 series requires an output capacitor to
maintain stability and improve transient response.
Proper capacitor selection is important to ensure
proper operation. The GM66500 series output
capacitor selection is dependent upon the ESR
(equivalent series resistance) of the output capacitor
to maintain stability. When the output capacitor is
47µF or greater, the output capacitor should have
less than 1W of ESR. This will improve transient
response as well as promote stability. Ultra-low-ESR
capacitors, such as ceramic chip capacitors may
promote instability. These very low ESR levels may
cause an oscillation and/or underdamped transient
response. When larger capacitors are used, the
ESR requirement approaches zero. A 100µF
ceramic capacitor can be used on the output while
maintaining stability. A low-ESR 47µF solid tantalum
capacitor works extremely well and provides good
transient response and stability over temperature.
Aluminum electrolytics can also be used, as long as
the ESR of the capacitor is
1W .
The value of the output capacitor can be increased
without limit. Higher capacitance values help to
improve transient response, ripple rejection, and
reduce output noise.
q
=
- (q
SA
JC + q
)
CS
T
- TA
J(MAX)
P
D
+
VIN
GM66500 - X.X
COUT
+
CIN
VOUT
GND
VIN
VOUT
P = (V
- V
)I
+ V
I
D
IN
OUT OUT
IN
GND
A
A
MICROELECTRONICS
GM66500 SERIES
5A ULTRA LOW - DROPOUT REGULATOR
Power Management


Similar Part No. - GM665003.3TB3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6655 GAMMA-GM6655 Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-1.8ST25RG GAMMA-GM6655-1.8ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.0ST25RG GAMMA-GM6655-2.0ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.5ST25RG GAMMA-GM6655-2.5ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.7ST25RG GAMMA-GM6655-2.7ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
More results

Similar Description - GM665003.3TB3R

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8955 A-POWER-APE8955 Datasheet
541Kb / 8P
   5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7585 ETC1-AMC7585 Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
logo
ADDtek Corp
AMC7585 ADDTEK-AMC7585 Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5950 ANPEC-APL5950 Datasheet
385Kb / 22P
   5A, Ultra Low Dropout (0.15V Typical) Linear Regulator
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com