Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7661 Datasheet(PDF) 2 Page - EPCOS

Part # B7661
Description  SAW Components Low-Loss Filter for Mobile Communication 835,0 / 880,0 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7661 Datasheet(HTML) 2 Page - EPCOS

  B7661 Datasheet HTML 1Page - EPCOS B7661 Datasheet HTML 2Page - EPCOS B7661 Datasheet HTML 3Page - EPCOS B7661 Datasheet HTML 4Page - EPCOS B7661 Datasheet HTML 5Page - EPCOS B7661 Datasheet HTML 6Page - EPCOS B7661 Datasheet HTML 7Page - EPCOS B7661 Datasheet HTML 8Page - EPCOS B7661 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
May 25, 2005
SAW Components
B7661
835,0 / 880,0 MHz
Low-Loss Filter for Mobile Communication
Datasheet
bottom view
side view
top view
0,65
3,0
0,8
0,5
3
21
6
7
5
9
Chip Sized SAW Package QCS9A
Features
s
Low-loss duplexer for W-CDMA 800MHz band
mobile telephone systems
s
Package for Surface Mounted Technology
(SMT)
s
Small size and low height
Terminals
Ni, gold-plated
Dimensions in mm, approx. weight 0,015 g
Pin configuration
6
TX Input
2
RX Output
4
Antenna
1, 3, 5
Ground
7, 8, 9
Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7661
B39881-B7661-D610
C61157-A3-A8
F61074-V8156-Z000
Maximum ratings
Operating temperature range
T
– 30/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
5V
ESD voltage
VESD
1001)
V
machine model, 10 pulses
Input power max.
830,0 ... 840,0 MHz
elsewhere
PIN
30
10
dBm
dBm
source and load impedance 50
continuous
wave
1) -acc. toJESD22-115A (Machine Model), 10 negatie & 10 positive pulses
1,3,5
2
4
7,8,9
6
}


Similar Part No. - B7661

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7662 EPCOS-B7662 Datasheet
107Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 1765,0 / 1855,0 MHz
B7669 EPCOS-B7669 Datasheet
182Kb / 13P
   SAW Duplexer Cellular / WCDMA band V
More results

Similar Description - B7661

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7701 EPCOS-B7701 Datasheet
106Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7705 EPCOS-B7705 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7706 EPCOS-B7706 Datasheet
82Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
B7711 EPCOS-B7711 Datasheet
80Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1950,0 MHz
B7712 EPCOS-B7712 Datasheet
78Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
B7719 EPCOS-B7719 Datasheet
114Kb / 9P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7733 EPCOS-B7733 Datasheet
104Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
B7801 EPCOS-B7801 Datasheet
104Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1960,00 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
   SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com