Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM78L08T92R Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM78L08T92R
Description  POSITIVE VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM78L08T92R Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM78L08T92R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM78L08T92R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM78L08T92R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM78L08T92R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM78L08T92R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM78L08T92R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM78L08T92R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM78L08T92R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM78L08T92R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
ELECTRICAL CHARACTERISTICS at specified Junction Temperature
GM78L08: V = 14V, I = 40mA, (unless otherwise noted)
IO
CHARACTERISTICS
TEST CONDITIONS *
MIN
TYP
MAX
UNIT
Output Voltage **
7.7
8.0
42
18
46
54
1.7
8.3
175
80
5.5
0.1
7.6
8.0
36
10
8.4
125
40
I = 1mA to 40mA
O
V =10.5V to 23V
I
V =10.5V to 23V
I
I = 1mA to 70mA
O
I =1mA to 100mA
O
V =13V to 23V, f = 120Hz
I
f = 10Hz to 100kHz
25°C
25°C
25°C
0°C to 125°C
V
mV
mV
dB
Input Regulation
Output Regulation
Bias Current
Bias Current
V =11V to 23V
I
I =1mA to 40mA
O
Ripple Rejection
Output Resistance
Dropout Voltage
0°C to 1
°C
25
25°C
25°C
37
4
6
1.5
125°C
*Pulse testing tehniques are used to maintain the junction temperature as close to the ambient temperature as possible.
Thermal effects must be taken into account.
** The specification applies only for DC power dissipation permitted by absolute maximum ratings
µV
V
25°C
mA
mA
V =11V to 23V
I
I =1mA to 40mA
O
0°C to 125°C
7.6
8.0
8.4
GM78L09: V = 16V, I = 40mA, (unless otherwise noted)
IO
CHARACTERISTICS
TEST CONDITIONS *
MIN
TYP
MAX
UNIT
Output Voltage **
8.6
9.0
45
19
45
58
1.7
9.4
175
90
5.5
0.1
8.55
9.0
40
11
9.45
125
40
I = 1mA to 40mA
O
V =12V to 24V
I
V =12V to 24V
I
I = 1mA to 70mA
O
I =1mA to 100mA
O
V =15V to 25V, f = 120Hz
I
f = 10Hz to 100kHz
25°C
25°C
25°C
0°C to 125°C
V
mV
mV
dB
Input Regulation
Output Regulation
Bias Current
Bias Current
V =13V to 24V
I
I =1mA to 40mA
O
Ripple Rejection
Output Resistance
Dropout Voltage
25°C
25°C
25°C
38
4.1
6
1.5
125°C
µV
V
25°C
mA
mA
V =13V to 20V
I
I =1mA to 40mA
O
0°C to 125°C
8.55
9.0
9.45


Similar Part No. - GM78L08T92R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L08-S8 ETC1-GM78L08-S8 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
GM78L08-ST89 ETC1-GM78L08-ST89 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
GM78L08-T92 ETC1-GM78L08-T92 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
More results

Similar Description - GM78L08T92R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com