Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6603-2.85TC3R Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM6603-2.85TC3R
Description  3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6603-2.85TC3R Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM6603-2.85TC3R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6603-2.85TC3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6603-2.85TC3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6603-2.85TC3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6603-2.85TC3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6603-2.85TC3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6603-2.85TC3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6603-2.85TC3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6603-2.85TC3R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Description
GM6603 of positive adjustable and fixed regulators are de-
signed to provide 3.0A output with low dropout voltage per-
formance.
On-chip trimming adjusts the reference voltage to 2.0%. To
work in post regulators or microprocessor power supplies
where low voltage operation and fast transient response
are required.
Device includes over-current protection and thermal shut-
down protection as well.
Pin-to-pin compatible with LT1085 family of regulators,
GM6603 is available in TO-252, TO-220, and surface-
mount TO-263 packages.
Application
Microprocessor Supply
Post Regulators for Switching Supplies
Telecommunication Systems
Printer Supplies
Motherboards
Features
Adjustable or Fixed Output
Output Current of 3.0A
Dropout Voltage (typical) 1.15V @ 3.0A
Typical Line Regulation 0.04%
Typical Load Regulation 0.2%
Fast Transient Response
Current Limit Protection
Thermal Shutdown Protection
www.gammamicro.com
1
TYPICAL APPLICATION CIRCUITS
(Adjustable Version)
VOUT
GND
VIN
GM6603-3.3
(Fixed Version)
+
+
C1
10µF
Tant
C2
10µF
Tant. Min
V
= 3.3V
OUT
V > 4.75V
IN
VOUT
ADJ
VIN
+
+
C1
10µF
Tant
C2
10µF
Tant. Min
V
= 3.45V
OUT
V > 4.75V
IN
GM6603-Adj
R1
133W
1.0%
R2
232W
1.0%
2
3
1
2
3
1
Notes:
1. C1 needed if device is far from filter capacitors
2. C2 minimum value required for stability
V
V
R2
=
X (1 +
) + I
X
OUT
REF
ADJ
R2
R1


Similar Part No. - GM6603-2.85TC3R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603-2.85TA3R ETC2-GM6603-2.85TA3R Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
GM6603-2.85TA3T ETC2-GM6603-2.85TA3T Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
GM6603-2.85TB3T ETC2-GM6603-2.85TB3T Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
More results

Similar Description - GM6603-2.85TC3R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603 ETC2-GM6603 Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_13 Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com