Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM665003.3TA3R Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GM665003.3TA3R
Description  5A ULTRA LOW - DROPOUT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM665003.3TA3R Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GM665003.3TA3R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM665003.3TA3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM665003.3TA3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM665003.3TA3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM665003.3TA3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM665003.3TA3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM665003.3TA3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM665003.3TA3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM665003.3TA3R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Parameter
Symbol
Value
Unit
Internally limited
W
Input Supply Voltage (Note 1)
V
IN
-20 to +20
V
Lead Temperature (Soldering, 5 sec )
Storage Temperature Range
EDS, Note 3
T
LEAD
T
STG
260
-65 to +150
°C
°C
Power Dissipation
P
D
ABSOLUTE MAXIMUM RATINGS
BLOCK DIAGRAM
* GM66501 ONLY
+
-
+
-
IN
FLAG*
EN*
1.18V
1.24V
Ref.
18V
OUT
GND
Thermal
Shut-down
O.V.
ILimit
PIN DESCRIPTION
PIN number
GM66500
PIN Number
GM66501
PIN Name
PIN Function
1
2, TAB
3
1
2
3, TAB
4
5
VEN
VIN
GND
VOUT
FLG
Enable (Input): TTL/CMOS compatible input.
Logic high=enable; logic low or open=shutdown.
Unregulated Input: +16V maximum supply.
Ground: Ground pin and TAB are internally
connected.
Regulator Output.
Error Flag (Output): Open collector output.
Active low indicates an output fault condition.
Parameter
Symbol
Value
Unit
+ 2.25 to +16
V
Enable Voltage
+16
Supply Voltage
V
IN
OPERATING RATINGS
Thermal Resistance (TO-263-2 ,TO-220)
Maximum Power Dissipation, Note 4
qJC
2.0
°C/W
Operating junction Temperature Range
T
J
-40 to +125
°C
V
EN
V
A
A
MICROELECTRONICS
GM66500 SERIES
5A ULTRA LOW - DROPOUT REGULATOR
Power Management


Similar Part No. - GM665003.3TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6655 GAMMA-GM6655 Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-1.8ST25RG GAMMA-GM6655-1.8ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.0ST25RG GAMMA-GM6655-2.0ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.5ST25RG GAMMA-GM6655-2.5ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
GM6655-2.7ST25RG GAMMA-GM6655-2.7ST25RG Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
More results

Similar Description - GM665003.3TA3R

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8955 A-POWER-APE8955 Datasheet
541Kb / 8P
   5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7585 ETC1-AMC7585 Datasheet
577Kb / 10P
   5A LOW DROPOUT REGULATOR
logo
ADDtek Corp
AMC7585 ADDTEK-AMC7585 Datasheet
136Kb / 10P
   5A LOW DROPOUT REGULATOR
OCTOBER 2007
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5950 ANPEC-APL5950 Datasheet
385Kb / 22P
   5A, Ultra Low Dropout (0.15V Typical) Linear Regulator
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com