Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7643 Datasheet(PDF) 10 Page - EPCOS

Part # B7643
Description  SAW Duplexer 1950 / 2140 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7643 Datasheet(HTML) 10 Page - EPCOS

Back Button B7643 Datasheet HTML 3Page - EPCOS B7643 Datasheet HTML 4Page - EPCOS B7643 Datasheet HTML 5Page - EPCOS B7643 Datasheet HTML 6Page - EPCOS B7643 Datasheet HTML 7Page - EPCOS B7643 Datasheet HTML 8Page - EPCOS B7643 Datasheet HTML 9Page - EPCOS B7643 Datasheet HTML 10Page - EPCOS B7643 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
July 06, 2006
B7643
1950 / 2140 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
References
Type
B7643
Ordering code
B39212B7643P510
Marking and package
C61157-A3-A22
Packaging
F61074-V8211-Z000
Date codes
L_1126
S-parameters
B7643_NB.s3p
B7643_WB.s3p
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Surface Acoustic Wave Components Division
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2006. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.


Similar Part No. - B7643

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
B764 SANYO-B764 Datasheet
40Kb / 4P
   Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
logo
EPCOS
B7640 EPCOS-B7640 Datasheet
158Kb / 12P
   SAW duplexer
B7641 EPCOS-B7641 Datasheet
128Kb / 11P
   SAW Duplexer 1950.0 / 2140.0 MHz
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
   SAW Duplexer 1950.0 / 2140.0 MHz
B7646 EPCOS-B7646 Datasheet
119Kb / 11P
   SAW Components
More results

Similar Description - B7643

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0120EA1823 TAI-SAW-TF0120EA1823 Datasheet
1Mb / 11P
   SAW Duplexer 1950/2140 MHz Band 1 Size 1.8x1.4 mm BW 60/60 MHz
REV.1.0
TF0120C TAI-SAW-TF0120C Datasheet
471Kb / 13P
   SAW DPX 1950/2140 MHz LTE Band 1 SMD 1814
TF0120DB TAI-SAW-TF0120DB Datasheet
462Kb / 13P
   SAW DPX 1950 / 2140 MHz Band 1 SMD 1.8X1.4 mm (BW=60 MHz)
TF0120D TAI-SAW-TF0120D Datasheet
488Kb / 13P
   SAW DPX 1950 / 2140 MHz Band 1 SMD 1.8X1.4 mm (BW=60 MHz)
TA1981A TAI-SAW-TA1981A Datasheet
645Kb / 7P
   SAW Filter 1950 MHz
TA1815B TAI-SAW-TA1815B Datasheet
756Kb / 8P
   SAW Filter 1950 MHz
logo
Murata Manufacturing Co...
SF2225E MURATA-SF2225E Datasheet
489Kb / 5P
   2140 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1433C TAI-SAW-TA1433C Datasheet
395Kb / 8P
   SAW Filter 2140 MHz
TA1433A TAI-SAW-TA1433A Datasheet
232Kb / 8P
   SAW Filter 2140 MHz
TF0214A TAI-SAW-TF0214A Datasheet
1Mb / 13P
   SAW DPX 1950/2140 MHz LTE Band 1 SMD 1.8X1.4 mm (BW=59.04 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com