Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM1117-2.85TA3R Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM1117-2.85TA3R
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM1117-2.85TA3R Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM1117-2.85TA3R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM1117-2.85TA3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM1117-2.85TA3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM1117-2.85TA3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM1117-2.85TA3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM1117-2.85TA3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM1117-2.85TA3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM1117-2.85TA3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM1117-2.85TA3R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ELECTRICAL CHARACTERISTICS
(Typicals and limits appearing in normal type apply for T = 25°C)
J
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Reference Voltage
Output Voltage
GM1117-Adj
GM1117-1.8
GM1117-2.5
GM1117-3.3
GM1117-5.0
VREF
VO
I
=10mA, V = 5V
OUT
IN
10mA
I
1.0A, 2.65V V
7V
OUT
IN
I
=10mA, V =3.3V
OUT
IN
0
I
1.0A, 3.3V V
7V
OUT
IN
I
=10mA, V =4V
OUT
IN
0
I
1.0A, 4V V
7V
OUT
IN
I
=10mA, V =4.8V
OUT
IN
0
I
1.0A, 4.8V V
7V
OUT
IN
I
=10mA, V =6.5V
OUT
IN
0
I
1.0A, 6.5V V
7V
OUT
IN
1.238
1.225
1.782
1.764
2.475
2.450
3.267
3.234
4.950
4.900
1.250
1.250
1.800
1.800
2.500
2.500
3.300
3.300
5.000
5.000
1.262
1.275
1.818
1.836
2.525
2.550
3.333
3.366
5.050
5.100
V
V
V
V
V
Line Regulation
Load Regulation
GM1117-Adj
GM1117-Adj
GM1117-1.8
GM1117-1.8
GM1117-2.5
GM1117-2.5
GM1117-3.3
GM1117-3.3
GM1117-5.0
GM1117-5.0
REGLINE
REGLOAD
0.04
0.04
0.04
0.04
0.20
0.20
0.20
0.20
0.20
1.15
3.1
3
0.20
0.20
0.20
0.20
0.40
0.40
0.40
0.40
0.40
1.3
7
%
%
I
=10mA, 3.3V
V
7V
OUT
IN
I
=10mA, 4V
V
7V
OUT
IN
I
=10mA, 4.8V
V
7V
OUT
IN
I
=10mA, 6.5V
V
7V
OUT
IN
V -V
=1.5V, 10mA
I
1.0A
IN
OUT
O
V =3.3V, 10mA
I
1.0A
IN
O
V =4.0V, 10mA
I
1.0A
IN
O
V =4.8V, 10mA
I
1.0A
IN
O
V =6.5V, 10mA
I
1.0A
IN
O
Dropout Voltage
Current Limit
Minimum Load Current
GM1117-Adj
VD
ICL
IO MIN
I
=1.0A
OUT
V -V
=3V
IN
OUT
V =5V
IN
1.1
V
A
mA
mA
Quiescent Current
GM1117-1.8
GM1117-2.5
GM1117-3.3
GM1117-5.0
IQ
7
7
7
7
13
13
13
13
V =3.3V, 10mA
I
1.0A
IN
O
V =4.0V, 10mA
I
1.0A
IN
O
V =4.8V, 10mA
I
1.0A
IN
O
V =6.5V, 10mA
I
1.0A
IN
O
55
0.005
0.003
72
90
Adjust Pin Current
Temp. Coefficient
Thermal Regulation
Ripple Rejection
I
=10mA, 2.75V
V
7V
OUT
IN
V -V
=1.5V, I
=10mA
IN
OUT
OUT
T =25°C, 30ms pulse
A
60
µA
%/W
dB
GM1117-Adj
IADJ
TC
RA
V -V
=1.5V, I
=1.0A
IN
OUT
OUT
%/°C
0.04
0.20
I
=10mA, 2.75V
V
7V
OUT
IN
5
A
A
MICROELECTRONICS
GM1117
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Power Management


Similar Part No. - GM1117-2.85TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117-2.85TA3R GAMMA-GM1117-2.85TA3R Datasheet
109Kb / 10P
   1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
More results

Similar Description - GM1117-2.85TA3R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com