Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6605-1.5TA3T Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM6605-1.5TA3T
Description  5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6605-1.5TA3T Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM6605-1.5TA3T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6605-1.5TA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6605-1.5TA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6605-1.5TA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6605-1.5TA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6605-1.5TA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6605-1.5TA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6605-1.5TA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6605-1.5TA3T Datasheet HTML 10Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
TO-252 PACKAGE OUTLINE DIMENSIONS
6.50 ± 0.05
5.340 ± 0.05
29° ± 0.5°
REF 0.6
6.10 ± 0.05
7.20 ± 0.05
0.75 ± 0.10
0.89 ± 0.05
0.81 ± 0.038
2.30 ± 0.05
0.508 ± 0.0127
0.070 ± 0.05
1.0 ± 0.05
0.75 ± 0.10
1.525 ± 0.10
2.70 ± 0.10
9.900
R0.15 max
Unit: mm
R 0.25 ± 0.13
TO-263-2 PACKAGE OUTLINE DIMENSIONS
Pad Layout
9.90 ± 0.20
15°
0.40
1.50 DP0.20
9.20 ± 0.20
4.90 ± 0.20
15.3 ± 0.20
1.27 ± 0.10
0.90 ± 0.10
2.54 TYP
(2.54 ± 0.20)
1.4 ± 0.20
4.50 ± 0.20
1.30
+0.1
-0.05
0.10 ± 0.01
2.40 ± 0.20
2.00 ± 0.10
R0.30
R0.30
2.54 ± 0.10
0.50
+0.1
-0.05
4.0
7.0
10.0 ± 0.20
0.40
0.90
7.2
9.20 ± 0.20
4.90 ± 0.20
Unit: mm
10.00 ± 0.20
0.33
8.38
0.63
17.02
0.12
3.05
0.04
1.016
0.24
6.096
0.42
10.66
Inches
mm
(
)
1.20
R 0.45
0.75
R 0.3
Pad Layout
0.244
6.20
0.228
5.80
0.118
3.0
0.063
1.6
0.243
6.172
0.101
2.58
Inches
mm
(
)


Similar Part No. - GM6605-1.5TA3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6605-1.8 ETC1-GM6605-1.8 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
GM6605-1.8TA3R ETC1-GM6605-1.8TA3R Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605-1.8TA3R GAMMA-GM6605-1.8TA3R Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
GM6605-1.8TA3RG GAMMA-GM6605-1.8TA3RG Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
logo
List of Unclassifed Man...
GM6605-1.8TA3T ETC1-GM6605-1.8TA3T Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
More results

Similar Description - GM6605-1.5TA3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605_1 Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com