Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6603-3.3TA3T Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM6603-3.3TA3T
Description  3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6603-3.3TA3T Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM6603-3.3TA3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6603-3.3TA3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6603-3.3TA3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6603-3.3TA3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6603-3.3TA3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6603-3.3TA3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6603-3.3TA3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6603-3.3TA3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6603-3.3TA3T Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Output Voltage Sensing
GM6603 series is three terminal regulator, so they can-
not provide true remote load sensing. Load regulation
is limited by the resistance of the conductors connect-
ing the regulator to the load. For best results, GM6603
should be connected as shown in Figure 2.
Calculating Power Dissipation and Heat
Sink Requirements
GM6603 series precision linear regulators include ther-
mal shutdown and current limit circuitry to protect the
devices. However, high power regulators normally oper-
ate at high junction temperatures so it is important to
calculate the power dissipation and junction tempera-
tures accurately to be sure that you use and adequate
heat sink. The case is connected to V
on GM6603
OUT
so electrical isolation may be required for some appli-
cations. Thermal compound should always be used
with high current regulators like the GM6603.
The thermal characteristics of an IC depend on four
factors:
1. Maximum Ambient Temperature T (°C)
A
2. Power Dissipation P (Watts)
D
3. Maximum Junction Temperature T (°C)
J
4. Thermal Resistance Junction to ambient R
JA
Q
(°C/W)
These relationship of these four factors is expressed
by equation (1):
Maximum ambient temperature and power dissipa-
tion are determined by the design while the maxi-
mum junction temperature and thermal resistance
depend on the manufacturer and the package type.
The maximum power dissipation for a regulator is ex-
pressed by equation (2):
where:
V
is the maximum input voltage,
IN(max)
V
is the minimum output voltage,
OUT(min)
I
is the maximum output current
OUT(max)
I is the maximum quiescent current at I
.
Q
OUT(max)
A heat sink effectively increases the surface area of
the package to improve the flow of heat away from
the IC into the air. Each material in the heat flow
path between the IC and the environment has a ther-
mal resistance. Like series electrical resistances,
these resistances are summed to determine R
,
QJA
the total thermal resistance between the junction
and the air. This is expressed by equation (3):
Where all of the following are in °C/W:
R
is thermal resistance of junction to case,
QJC
R
is thermal resistance of case to heat sink,
QCS
R
is thermal resistance of heat sink to ambient
QSA
air
The value for R
is calculated using equation (3)
QJA
and the result can be substituted in equation (1).
The value for R
is 3.5°C/W for a given package
QJC
type based on an average die size. For a high cur-
rent regulator such as GM6603, the majority of the
heat is generated in the power transistor section.
GM6603-3.3
V
IN
V
OUT
R
LOAD
R
C
GND
V
IN
Conductor
Parasitic
Resistance
(a) Fixed Version
(b) Adjustable Version
GM6603-A
ADJ
V
OUT
V
IN
V
IN
R
C
R
LOAD
R1
R2
(a),(b)
FIGURE 2
Conductor Parasitic Resistance Effects are
Minimized by this Grounding Scheme For Fixed
and Adjustable Output Regulators
P
={V
-V
} I
+ V
I
D(max)
IN(max)
OUT(min)
IN(max) Q
OUT(max)
R
= R
+ R
+ R
JA
JC
CS
SA
QQQ
Q
T = T + P X R
JAD
JA
Q
7
Conductor
Parasitic
Resistance


Similar Part No. - GM6603-3.3TA3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603-3.3TA3T ETC2-GM6603-3.3TA3T Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603-3.3TA3T GAMMA-GM6603-3.3TA3T Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-3.3TA3T GAMMA-GM6603-3.3TA3T Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603-3.3TA3TG GAMMA-GM6603-3.3TA3TG Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6603-3.3TA3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603 ETC2-GM6603 Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_13 Datasheet
514Kb / 12P
   3.0A LOW DROPOUT PRECISION REGULATOR
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com