Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39212B7641P510 Datasheet(PDF) 6 Page - EPCOS

Part # B39212B7641P510
Description  SAW Duplexer 1950.0 / 2140.0 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39212B7641P510 Datasheet(HTML) 6 Page - EPCOS

Back Button B39212B7641P510 Datasheet HTML 2Page - EPCOS B39212B7641P510 Datasheet HTML 3Page - EPCOS B39212B7641P510 Datasheet HTML 4Page - EPCOS B39212B7641P510 Datasheet HTML 5Page - EPCOS B39212B7641P510 Datasheet HTML 6Page - EPCOS B39212B7641P510 Datasheet HTML 7Page - EPCOS B39212B7641P510 Datasheet HTML 8Page - EPCOS B39212B7641P510 Datasheet HTML 9Page - EPCOS B39212B7641P510 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
March 17, 2006
B7641
1950.0 / 2140.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Maximum ratings
Operating temperature range1)
1) Defines the temperature range in which the specification values are guaranteed.
T
–15/+80
˚C
Operable temperature range2)
2) Defines the temperature range in which the SAW device keeps its typical characteristics, however the
specification values are not guaranteed.
T
–25/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
503)
3) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at
PIN
source and load impedance 50
1920.0 ... 1980.0 MHz
elsewhere
30
10
dBm
dBm
continuous wave
T = 55˚C, 50.000 h
}


Similar Part No. - B39212B7641P510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39212B7642J110 EPCOS-B39212B7642J110 Datasheet
128Kb / 11P
   SAW Duplexer 1950.0 / 2140.0 MHz
B39212B7643P510 EPCOS-B39212B7643P510 Datasheet
115Kb / 11P
   SAW Duplexer 1950 / 2140 MHz
More results

Similar Description - B39212B7641P510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
   SAW Duplexer 1950.0 / 2140.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
   SAW Filter 2140.0 MHz
B9414 EPCOS-B9414 Datasheet
76Kb / 8P
   SAW Filter 1950.0 MHz
B7849 EPCOS-B7849 Datasheet
83Kb / 8P
   SAW Filter 2140.0 MHz
logo
Oscilent Corporation
802-RF2140.0M-A OSCILENT-802-RF2140.0M-A Datasheet
173Kb / 2P
   2140.0 MHz RF SAW Filter
logo
TriQuint Semiconductor
856908 TRIQUINT-856908_15 Datasheet
931Kb / 8P
   836.5/881.5 MHz SAW Duplexer
logo
Murata Manufacturing Co...
SF1223D MURATA-SF1223D Datasheet
454Kb / 6P
   800/842 MHz SAW Duplexer
SF1222D MURATA-SF1222D Datasheet
170Kb / 3P
   2010/2190 MHz SAW Duplexer
logo
RF Monolithics, Inc
SF1222D RFM-SF1222D Datasheet
170Kb / 3P
   2010/2190 MHz SAW Duplexer
logo
EPCOS
B7643 EPCOS-B7643 Datasheet
115Kb / 11P
   SAW Duplexer 1950 / 2140 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com