Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7110-15TB5R Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM7110-15TB5R
Description  1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7110-15TB5R Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM7110-15TB5R Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7110-15TB5R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7110-15TB5R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7110-15TB5R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7110-15TB5R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7110-15TB5R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7110-15TB5R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7110-15TB5R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7110-15TB5R Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
ELECTRICAL CHARACTERISTICS: All Output Voltage Versions
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range. Unless otherwise
J
specified, V = 12V for the 3.3V, 5.0V and ADJ version, V = 25V for 12V version. and V = 30V for 15V version. I
= 500 mA)
IN
IN
IN
LOAD
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Oscillator Frequency
Saturation Voltage
Max Duty Cycle (ON)
Output Leakage Current
Quiescent Current
Standby Quiescent Current
Thermal Resistance
Feedback Bias Current
Current Limit
Logic Input Level
ON/OFF Pin
ON/OFF Pin Input Current
V
= 5V (Adjustable Version Only)
OUT
(Note 11)
I
= 1A (Notes 4)
OUT
(Note 5)
(Note 4, 11)
(Notes 6, 7)
Output = 0 V
Output = -1V
(Note 6)
ON/OFF Pin = 5V (OFF)
TO-220 Package, Junction to Ambient (Note 8)
TO-220 Package, Junction to Ambient (Note 8)
TO-220,TO-263, Package, Junction to Case
TO-252 Package, Junction to Case
TO-263 Package, Junction to Ambient (Note 10)
V
=0V
OUT
V
= Nominal Output Voltage
OUT
I
FB
F
O
V
SAT
TDC
I
OL
I
Q
I
STBY
V
IH
V
IL
V
IH
I
IL
-
47 / 42
-
-
-
-
-
-
-
-
-
-
-
-
50
52
0.9
98
2.2
-
7.5
5
50
1.4
1.2
12
0
65
45
2
6
37
-
-
-
-
100 / 500
58 / 63
1.2 / 1.4
-
2
30
10
200
30
10
kHz
V
%
A
mA
mA
mA
°C/W
V
V
mA
mA
nA
93
I
CL
1.7 / 1.3
3.0 / 3.2
ON/OFF Pin = 5V (OFF)
ON/OFF Pin = 0V (ON)
2.2 / 2.4
-
-
1.0 / 0.8
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indic
ate conditions for which the device is intended to be functional, but do not guarantee specific performance limits.
Guaranteed specifications and Test conditions are shown in Electrical Characteristics.
Note 2: All limits guaranteed at 25°C (standard type face) and over full operating temperature range (bold type face).
All 25°C limits are 100% production tested. All limits over full operating temperature range are guaranteed via
correlation using standard Statistics Quality Control methods.
Note 3: External components such as the catch diode, inductor, input and output capacitors can affect switching regulator
system performance. When the GM7110 is used as shown in the Figure 2 test circuit, system performance will be
as shown in system parameters section of Electrical Characteristics.
Note 4: Output pin sourcing current. No diode, inductor or capacitor connected to output.
Note 5: Feedback pin removed from output and connected to 0V.
Note 6: Feedback pin removed from output and connected to +12V for the Adjustable, 3.3V, and 5V versions, and +25V for
the 12V and 15V versions, to force the output transistor OFF.
Note 7: V
= 40V
IN
Note 8: Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically,
with ½ inch leads in a socket, or on a PC board with minimum copper area.
Note 9: Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically,
with ¼ inch leads soldered to a PC board containing approximately 4 square inches of copper area surrounding
the leads.
Note 10: If the TO-263 package is used, the thermal resistance can be reduced by increasing the PC board Copper area
thermally connected to the package. Using 0.5 square inches of copper area, q
is 50°C//W, with 1 square inch
JA
of copper area, q
is 37°C/W, and with 1.6 or more square inches of copper area, q is 32°C/W.
JA
JA
Note 11: The oscillator frequency reduces to approximately 11 kHz in the event of an output short or an Overload which
causes the regulated output voltage to drop approximately 40% from the nominal output voltage. This self-
protection feature lowers the Average power dissipation of Gm7110 By lowering the minimum duty cycle from
5% down to approximately 2%.
qJA
qJA
qJC
qJC
qJA
A
A
MICROELECTRONICS
GM7110
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
Power Management


Similar Part No. - GM7110-15TB5R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7110-15TB5BT ETC-GM7110-15TB5BT Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7110-15TB5T ETC-GM7110-15TB5T Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results

Similar Description - GM7110-15TB5R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com