Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM432AT92T Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM432AT92T
Description  1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM432AT92T Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM432AT92T Datasheet HTML 1Page - Gamma Microelectronics Inc. GM432AT92T Datasheet HTML 2Page - Gamma Microelectronics Inc. GM432AT92T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM432AT92T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM432AT92T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM432AT92T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM432AT92T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM432AT92T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM432AT92T Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Description
The GM432's are low-voltage three-terminal adjustable pre-
cision shunt regulators with specified thermal stability over
their full temperature range. Output voltage can be set to
any value from V
(1.24V) to 16V by using two external
ref
resistors. Their active output circuitry provides a very
unique turn-on characteristic, making them excellent re-
placements for zener diodes in many applications such as
onboard regulation and adjustable power supplies. In a
wide range of home applications, these versatile darlings
are ideal voltage references for 3.0V to 3.3V switching
power suppies. With operational cathode current as low as
80µA, batteries keep on going. Whatever your application
is, the GM432's offer the optimum combination of perfor-
mance, reliability, and economy.
LOGIC SYMBOL
BLOCK DIAGRAM (POSITIVE LOGIC)
CATHODE
REFERENCE
ANODE
+
_
V
= 1.24V
ref
CATHODE
REFERENCE
ANODE
Application
Switching power supplies
Linear regulators
Adjustable supplies
Instrumentation
Battery-operated computers,
PDA's portable devices
Monitors, TV's, camcorders
Computer disk drives
Features
Low-voltage operation, down to 1.24V
0.5%, 1% or 2% reference voltage tolerance
Adjustable output voltage, V = V
to 16V
O
ref
Sink Current Capability 80µA to 100mA
Low dynamic output impedance, 0.05W typical
Wide temperature range, 0
° to +70°C
Pin-to-pin replacement for TLV431, SC431L
Available in SOT-23, SOT-25, SOT-89, TO-92
and SOP-8
www.gammamicro.com
1
A
A
MICROELECTRONICS
GM432
1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
Power Management


Similar Part No. - GM432AT92T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432AT92BG GAMMA-GM432AT92BG Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
GM432AT92RLG GAMMA-GM432AT92RLG Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - GM432AT92T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM432 GAMMA-GM432_12 Datasheet
756Kb / 11P
   1.24V ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Texas Instruments
LMV431AIMFX-NOPB TI1-LMV431AIMFX-NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com